Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1168 Datasheet(PDF) 7 Page - Analog Devices

Part # LT1168
Description  Precision Instrumentation Amplifier with Level Shift and Output Clamping
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1168 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT1168 Datasheet HTML 3Page - Analog Devices LT1168 Datasheet HTML 4Page - Analog Devices LT1168 Datasheet HTML 5Page - Analog Devices LT1168 Datasheet HTML 6Page - Analog Devices LT1168 Datasheet HTML 7Page - Analog Devices LT1168 Datasheet HTML 8Page - Analog Devices LT1168 Datasheet HTML 9Page - Analog Devices LT1168 Datasheet HTML 10Page - Analog Devices LT1168 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT6372-1
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Distribution of Output Offset
Voltage Drift, QFN Package
Distribution of Output Offset
Voltage, QFN Package
Distribution of Output Offset
Voltage Drift, QFN Package
Distribution of Gain Error
Distribution of Gain Error
Distribution of REF Divider Gain
Error
REF Divider Gain Drift
REF Gain Drift
Gain Drift (G = 1)
TA = 25°C, VS = ±15V, VCM = VREF1 = VREF2  = 0V, VCLLO = V–, VCLHI = V+, RL = 2k, unless otherwise noted.
REF1 = 0V
REF2 = ±10V
10 Units
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
REF Divider Gain Drift
6372-1 G16
REF1 = REF2
8 Units
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
REF Gain Drift
6372-1 G17
G = 1
19 Units
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
Gain Drift (G = 1)
6372-1 G18
50 Units
OUTPUT OFFSET VOLTAGE (µV)
–160 –120 –80 –40
0
40
80 120 160
0
5
10
15
20
25
30
35
40
45
50
Voltage, QFN Package
Distribution of Output Offset
6372-1 G10
TA = –40°C to 85°C
50 Units
OUTPUT OFFSET VOLTAGE DRIFT (µV/°C)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, QFN Package
Distribution of Output Offset
6372-1 G11
TA = –40°C to 125°C
50 Units
OUTPUT OFFSET VOLTAGE DRIFT (µV/°C)
–5 –4 –3 –2 –1 0
1
2
3
4
5
0
5
10
15
20
25
30
35
40
45
50
Voltage Drift, QFN Package
Distribution of Output Offset
6372-1 G12
G = 1
TA = 25°C
730 Units
GAIN ERROR (ppm)
–100 –90 –80 –70 –60 –50 –40 –30 –20 –10 0
0
5
10
15
20
25
30
35
40
45
50
Distribution of Gain Error
6372-1 G13
G = 1000
TA = 25°C
730 Units
GAIN ERROR (ppm)
–500
–250
0
250
500
0
5
10
15
20
25
30
35
40
45
50
Distribution of Gain Error
6372-1 G14
REF2 = 0V
REF1 = 0V to 5V
TA = 25°C
730 Units
GAIN ERROR (ppm)
–100 –80 –60 –40 –20 0 20 40 60 80 100
0
5
10
15
20
25
30
35
40
45
50
Gain Error
Distribution of REF Divider
6372-1 G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com