Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3636 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3636
Description  5V, 12.5A Synchronous Step-Down Silent Switcher 2 in 3mm x 3mm LQFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3636 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3636 Datasheet HTML 17Page - Analog Devices LTC3636 Datasheet HTML 18Page - Analog Devices LTC3636 Datasheet HTML 19Page - Analog Devices LTC3636 Datasheet HTML 20Page - Analog Devices LTC3636 Datasheet HTML 21Page - Analog Devices LTC3636 Datasheet HTML 22Page - Analog Devices LTC3636 Datasheet HTML 23Page - Analog Devices LTC3636 Datasheet HTML 24Page - Analog Devices LTC3636 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC3311S
21
Rev. A
For more information www.analog.com
TYPICAL APPLICATIONS
Three Phase, 0.6V, 37.5A, Forced Continuous Mode
LTC3311S
LTC3311S
LTC3311S
3311S TA03
VOUT
0.6V
37.5A
47µF
47µF
47µF
PGOOD
SW
FB
RT
EN
MODE/SYNC
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
PGOOD
SW
FB
RT
EN
MODE/SYNC
SSTT
ITH
47µF
x3
47µF
47µF
x3
47µF
47µF
x3
47µF
1µF
1µF
0.22µF
0.22µF
0.22µF
0.22µF
10pF
0.22µF
0.22µF
1µF
72nH
72nH
72nH
100k
5.49k
1500pF
0.1µF
PGOOD
PGOOD
NC
NC
VIN
VIN
3.0V TO 4.5V
PGND
AGND
SSTT
VIN
VIN
VIN
VIN
PGND
AGND
VIN
VIN
PGND
AGND
243k
174k
86.6k
432k
174k
274K
243k
120°
240°
L = COILCRAFT XEL3515-720MEB
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com