Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB968 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SB968
Description  Silicon PNP epitaxial planar type(For low-frequency output amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SB968 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SB968 Datasheet HTML 1Page - Panasonic Semiconductor 2SB968 Datasheet HTML 2Page - Panasonic Semiconductor 2SB968 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SB968
Silicon PNP epitaxial planar type
For low-frequency output amplification
Complementary to 2SD1295
s Features
q
Possible to solder the radiation fin directly to printed cicuit board
q
High collector to emitter VCEO
q
Large collector power dissipation PC
s Absolute Maximum Ratings (Ta=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation (TC=25°C)
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
–50
–40
–5
–3
–1.5
20
150
–55 to +150
Unit
V
V
V
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to base voltage
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Base to emitter saturation voltage
Transition frequency
Collector output capacitance
Symbol
ICBO
ICEO
IEBO
VCBO
VCEO
hFE
*
VCE(sat)
VBE(sat)
fT
Cob
Conditions
VCB = –20V, IE = 0
VCE = –10V, IB = 0
VEB = –5V, IC = 0
IC = –1mA, IE = 0
IC = –2mA, IB = 0
VCE = –5V, IC = –1A
IC = –1.5A, IB = – 0.15A
IC = –2A, IB = – 0.2A
VCB = –5V, IE = 0.5A, f = 200MHz
VCB = –20V, IE = 0, f = 1MHz
min
–50
–40
50
typ
150
45
max
–1
–100
–10
220
–1
–1.5
Unit
µA
µA
µA
V
V
V
V
MHz
pF
*h
FE Rank classification
Rank
P
Q
R
hFE
50 to 100
80 to 160
120 to 220
Unit: mm
1:Base
2:Collector
3:Emitter
U Type Package
6.5
±0.1
5.3
±0.1
4.35
±0.1
4.6
±0.1
2.3
±0.1
0.75
±0.1
123
0.93
±0.1
2.3
±0.1
0.5
±0.1
0.5
±0.1
0.1
±0.05
1.0
±0.1
6.5
±0.2
2.3
5.35
4.35
0.75
0.6
3
2.3
2
1
0.5
±0.1
1:Base
2:Collector
3:Emitter
EIAJ:SC–63
U Type Package (Z)
Unit: mm


Similar Part No. - 2SB968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB968 PANASONIC-2SB968 Datasheet
80Kb / 4P
For Low-Frequency Output Amplification
logo
Guangdong Kexin Industr...
2SB968 KEXIN-2SB968 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB968-P KEXIN-2SB968-P Datasheet
1Mb / 3P
PNP Transistors
2SB968-Q KEXIN-2SB968-Q Datasheet
1Mb / 3P
PNP Transistors
2SB968-R KEXIN-2SB968-R Datasheet
1Mb / 3P
PNP Transistors
More results

Similar Description - 2SB968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SB1434 PANASONIC-2SB1434 Datasheet
60Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1446 PANASONIC-2SB1446 Datasheet
39Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB1574 PANASONIC-2SB1574 Datasheet
28Kb / 1P
Silicon PNP epitaxial planar type(For low-frequency output amplification)
2SB1589 PANASONIC-2SB1589 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency output amplification)
2SB941 PANASONIC-2SB941 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB942 PANASONIC-2SB942 Datasheet
47Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
2SB967 PANASONIC-2SB967 Datasheet
43Kb / 2P
Silicon PNP epitaxial planar type(For low-frequency power amplification)
DSC7003 PANASONIC-DSC7003 Datasheet
315Kb / 3P
Silicon NPN epitaxial planar type For low frequency output amplification
DSA7504 PANASONIC-DSA7504 Datasheet
317Kb / 3P
Silicon PNP epitaxial planar type For low frequency amplification
DSA7003 PANASONIC-DSA7003 Datasheet
319Kb / 3P
Silicon PNP epitaxial planar type For low frequency output amplification Complementary
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com