Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VSC8244 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8244
Description  Quad Port 10/100/1000BASE-T PHY with RGMII / RTBI MAC Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8244 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8244 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8244 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BENEFITS:
Eliminates Heatsinks and Fans for Gigabit to the Desktop LAN Switches
Removes 576 Passive Components in 48-port Switch Applications
Compatible with a Wide Variety of Parallel I/F Switch ICs
Simplifies PCB Layout; Eliminates PCB Trombones
Ensures Seamless Deployment Throughout Copper Networks with Industry’s
Highest Tolerance to Noise and Substandard Cable Plants
Provides for Maximum Jumbo Frame Sizes in Custom SAN and LAN Systems
Eliminates External Components and EMI Issues
Provides Maximum System Design Flexibility
Offers Design Engineer a Solution to Fit any Unmanaged or Managed
System Requirement
Simplifies Comprehensive In-system Test to Ensure the Highest Product
Quality
Enables Network Manufacturers to Simplify Deployment and Improve
Network Management Capabilities of Gigabit Ethernet Links
Compatible with 1st Generation 1000BASE-T PHYs; Supports Auto
MDI/MDI-X Even when Autonegotiation is Disabled
Most Cost Effective Technology Eliminates More Expensive Analog
Process Variants
FEA TURES:
Lowest Power Consumption in the Industry at Less Than 640m W/port
(1000BASE-T mode)
Patented, Low EMI Line Driver with Integrated Line Side Termination
Resistors
Supports RGMII v1.3 (2.5V & 3.3V) & v2.0 (1.5V HSTL), 1.8V (SSTL
Compatible)
User-programmable RGMII Timing Compensation
Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX, 1000BASE-T)
Specifications
>10kB Jumbo Frame Support with Programmable Synchronization FIFOs
Five Direct Drive LEDs with On-chip Filtering Interface Option
Serial LED Interface Option
Three User Configuration Options: 1) Optional Serial EEPROM,
2) Hardware Configuration Pins, or 3) Serial Management Interface (SMI)
Full Suite of BIST, MAC, and Far-end Loopback Modes
VeriPHY™ Link Cable Diagnostics Software Suite
Automatic Detection and Correction of Cable Pair Swaps, Pair Skew and
Pair Polarity, Along with HP Auto MDI/MDI-X Crossover Function
Manufactured in Advanced 0.13
µm, 3.3V/1.2V Digital CMOS Process
Quad Port 10/100/1000BASE-T PHY with RGMII / RTBI MAC Interfaces
ETHERNET PRODUCTS
PB-VSC8244-002
VSC8244
APPLICA TIONS:
High Density 10/100/100BASE-T LAN & MAN Switches and Routers
Gigabit Ethernet-based SAN, NAS, and MAN Systems
Workgroup LAN Switches and Routers
High Performance Workstations and Multi-port Server NICs
PICMG 2.16 and 3.0 Backplane Applications
10/100/1000 Mbps
Ethernet MAC
10/100/1000 Mbps
Ethernet MAC
10/100/1000 Mbps
Ethernet MAC
10/100/1000 Mbps
Ethernet MAC
Management
Interface
Optional
EEPROM
MDC, MDIO
MDINT#_n
Serial I/F
Magnetics
RJ-45
RJ-45
RJ-45
RJ-45
Magnetics
Magnetics
Magnetics
VSC8244
Quad
10/100/1000BASE-T
Transceiver
+1.2 V
+3.3 V
RGMII, RTBI
Copper Media


Similar Part No. - VSC8244

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8201 VITESSE-VSC8201 Datasheet
487Kb / 21P
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
logo
Pulse A Technitrol Comp...
VSC8201 PULSE-VSC8201 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Vitesse Semiconductor C...
VSC8201DL VITESSE-VSC8201DL Datasheet
487Kb / 21P
Single Port 10/100/1000BASE-Tand 1000BASE-X PHY
VSC8204 VITESSE-VSC8204 Datasheet
454Kb / 2P
Quad Port 10/100/1000BASE-T PHY with R/GMII, R/TBI Interfaces
logo
Pulse A Technitrol Comp...
VSC8204 PULSE-VSC8204 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - VSC8244

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8204 VITESSE-VSC8204 Datasheet
454Kb / 2P
Quad Port 10/100/1000BASE-T PHY with R/GMII, R/TBI Interfaces
VSC8224 VITESSE-VSC8224 Datasheet
435Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC8211 VITESSE-VSC8211 Datasheet
470Kb / 2P
Single Port 10/100/1000BASE-T PHY and 1000BASE-X PHY with SGMII, SerDes, GMII, MII, TBI, RGMII / RTBI MAC Interfaces
VSC8601 VITESSE-VSC8601 Datasheet
460Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
VSC8601XKN VITESSE-VSC8601XKN Datasheet
861Kb / 102P
VSC8601 10/100/1000BASE-T PHY with RGMII MAC Interface
VSC8641XJF VITESSE-VSC8641XJF Datasheet
635Kb / 2P
10/100/1000BASE-T PHY with RGMII and GMII MAC Interface
VSC8224HG VITESSE-VSC8224HG Datasheet
695Kb / 2P
Quad Port 10/100/1000BASE-T and 1000BASE-X PHY with RGMII and RTBI MAC Interfaces
logo
Microsemi Corporation
VSC8504-01 MICROSEMI-VSC8504-01 Datasheet
1Mb / 136P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
VSC8504-02 MICROSEMI-VSC8504-02 Datasheet
1Mb / 131P
Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com