Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2ABF Datasheet(PDF) 1 Page - SHIKUES Electronics

Part # S2ABF
Description  Surface Mount General Purpose Silicon Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKTECHNOLGY [SHIKUES Electronics]
Direct Link  http://www.shikues.com
Logo SKTECHNOLGY - SHIKUES Electronics

S2ABF Datasheet(HTML) 1 Page - SHIKUES Electronics

  S2ABF Datasheet HTML 1Page - SHIKUES Electronics S2ABF Datasheet HTML 2Page - SHIKUES Electronics S2ABF Datasheet HTML 3Page - SHIKUES Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount General Purpose Silicon Rectifiers
Reverse Voltage - 50 to 1000 V
Forward Current
FEATURES
•For surface mounted applications
•Low profile package
•Glass Passivated Chip Junction
•Easy to pick and place
•Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
•Case: SMBF
•Terminals: Solderable per MIL-STD-750, Method 2026
•Approx. Weight: 57mg / 0.002oz
Maximum Ratings and Electrical characteristics
Ratings at 25
ambient temperature unless otherwise specified.Single phase half
℃
current derate by 20 %.
1
),Measured at 1 MHz and applied reverse voltage of 4 V D.C
Surface Mount General Purpose Silicon Rectifiers
Forward Current - 2 A
Lead free in comply with EU RoHS 2011/65/EU directives
750, Method 2026
Maximum Ratings and Electrical characteristics
tings at 25
ambient temperature unless otherwise specified.Single phase half
℃
-wave 60 Hz, resistive or inductive load, for capacitive load
Measured at 1 MHz and applied reverse voltage of 4 V D.C
2
),P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
wave 60 Hz, resistive or inductive load, for capacitive load
X 0.5" (12.7 X 12.7 mm) copper pad areas.
S2ABF THRU S2MBF
1 of 3
REV.08


Similar Part No. - S2ABF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
S2ABF CHENDA-S2ABF Datasheet
617Kb / 2P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
S2ABF YFWDIODE-S2ABF Datasheet
86Kb / 3P
Surface MountGeneral Purpose Silicon Rectifiers
logo
Guangdong Juxing Electr...
S2ABF JUXING-S2ABF Datasheet
649Kb / 3P
Surface Mount Standard Rectifiers
logo
Xian Semipower Electron...
S2ABF SEMIPOWER-S2ABF Datasheet
119Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Jiangsu High diode Semi...
S2ABF HDSEMI-S2ABF Datasheet
1Mb / 4P
SMBF Plastic-Encapsulate Diodes
More results

Similar Description - S2ABF

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
CMR3-10 CENTRAL-CMR3-10_15 Datasheet
338Kb / 2P
SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
Shanghai Yint Electroni...
S3AC YINT-S3AC Datasheet
495Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S3AB YINT-S3AB Datasheet
494Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2ABF YINT-S2ABF Datasheet
498Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
G801DS YFWDIODE-G801DS Datasheet
486Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
logo
Dongguan Pingjingsemi T...
M1-PJ PJSEMI-M1-PJ Datasheet
902Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
S2AF-PJ PJSEMI-S2AF-PJ Datasheet
561Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
S3ABF-PJ PJSEMI-S3ABF-PJ Datasheet
693Kb / 3P
SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com