Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA24 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # ESDA24
Description  Rated peak single pulse transient current
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

ESDA24 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  ESDA24 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA24 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA24 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA24 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd ESDA24 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4-3 Solder pad layout
5. Storage condition
-
Storage environment must be at an ambient temperature of 25~35 ℃ and an ambient
humidity of 40~60 % RH
-
Chip varistors can experience degradation of termination solderability when subjected to
high temperature of humidity, or if exposed to sulfur or chlorine gases.
-
Avoid mechanical shock (ex. Falling) to the chip varistor to prevent mechanical cracking
inside of the ceramic dielectric due to its own weight.
-
Use chips within 6 months.
If 6 months of more have elapsed, check solderability before use.-
6. Description about package label
Qunatity : 4,000 pcs
- Quantity of shipping chip varistor
ESDA24
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com