Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1047 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC1047
Description  Silicon NPN epitaxial planer type(For high-frequency amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1047 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC1047 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1047 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1047 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC1047
Silicon NPN epitaxial planer type
For high-frequency amplification
s Features
q
Optimum for RF amplification of FM/AM radios.
q
High transition frequency fT.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
3
20
400
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Common emitter reverse transfer capacitance
Transition frequency
Power gain
Noise figure
Symbol
VCBO
VEBO
hFE
*
VBE
Cre
fT
PG
NF
Conditions
IC = 10µA, IE = 0
IE = 10µA, IC = 0
VCB = 6V, IE = –1mA
VCB = 6V, IE = –1mA
VCE = 6V, IC = 1mA, f = 10.7MHz
VCB = 6V, IE = –1mA, f = 200MHz
VCB = 6V, IE = –1mA, f = 100MHz
VCB = 6V, IE = –1mA, f = 100MHz
min
30
3
40
450
20
typ
0.72
0.8
650
3.3
max
260
1
5
Unit
V
V
V
pF
MHz
dB
dB
*h
FE Rank classification
Rank
B
C
D
hFE
40 ~ 110
65 ~ 160
100 ~ 260


Similar Part No. - 2SC1047

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SC1047 WINGS-2SC1047 Datasheet
80Kb / 1P
Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)
logo
Foshan Blue Rocket Elec...
2SC1047 FOSHAN-2SC1047 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92 Plastic Package
More results

Similar Description - 2SC1047

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1359 PANASONIC-2SC1359 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2404 PANASONIC-2SC2404 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2778 PANASONIC-2SC2778 Datasheet
56Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC3930 PANASONIC-2SC3930 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4562 PANASONIC-2SC4562 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4626 PANASONIC-2SC4626 Datasheet
52Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC829 PANASONIC-2SC829 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com