Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC1317 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC1317
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC1317 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC1317 Datasheet HTML 1Page - Panasonic Semiconductor 2SC1317 Datasheet HTML 2Page - Panasonic Semiconductor 2SC1317 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC1317, 2SC1318
Transistors
2
PC  Ta
IC  VCE
IC  IB
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
fT  IE
0
0
160
40
120
80
140
20
100
60
200
600
400
800
100
500
300
700
Ambient temperature T
a (°C)
020
48
16
12
18
26
14
10
0
800
700
600
500
400
300
200
100
IB
= 10 mA
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
Collector to emitter voltage V
CE (V)
Ta
= 25°C
010
8
6
4
29
7
5
3
1
0
800
700
600
500
400
300
200
100
Base current I
B (mA)
VCE
= 10 V
Ta
= 25°C
0.01
0.03
0.01
0.03
0.1
0.3
1
3
10
30
100
0.1
0.3
1
3
10
Collector current IC (A)
IC
/ I
B
= 10
Ta
= 75°C
25
°C
−25°C
0.01
0.03
0.01
0.03
0.1
0.3
1
3
10
30
100
0.1
0.3
1
3
10
Collector current IC (A)
IC
/ I
B
= 10
Ta
= 75°C
−25°C
25
°C
0
0.01
0.03
300
250
200
150
100
50
0.1
0.3
1
3
10
25
°C
−25°C
VCE
= 10 V
Ta
= 75°C
Collector current IC (A)
−1
−3
−10
−2
−20
−5
−50
−30
−100
0
240
200
160
120
80
40
Emitter current I
E (mA)
VCB
= 10 V
Ta
= 25°C
0
1
12
10
8
6
4
2
310
550
2
20 30
100
Collector to base voltage V
CB (V)
IE
= 0
f
= 1 MHz
Ta
= 25°C
13
10
30
100
300
1 000
0
120
100
80
60
40
20
Base to emitter resistance R
BE (kΩ)
IC
= 2 mA
Ta
= 25°C
2SC1318
2SC1317
Cob  VCB
VCER  RBE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com