Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVM12 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # HVM12
Description  Controlled avalanche characteristic combined
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

HVM12 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  HVM12 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd HVM12 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HVM**
Features
Controlled avalanche characteristic combined
with the ability to dissipate reverse power
Plastic package has underwriters laboratory lammability
classification 94V-0
Low forward voltage drop
Typical
IR less than 1 uA
High overload surge capability
High temperature soldering guaranteed
260-C/10s/.375" (9.5mm) lead length at 5 lbs.,
(2.3kg) tension
Mechanical data
Case:
Reliable low cost construction utilizing
molded plastic technique
Terminals:
Axial leads. Solderable per MIL-STD-202
Method 208
Polarity:
Color band denotes cathode end
Weight:
2.6 g
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified
.
Parameter
Symbol
HVM5
HVM8
HVM10
HVM12
HVM15
HVM16
HVM18
Unit
Maximum repetitive peak reverse voltage
VRRM
5
8
10
12
15
16
18
KV
Maximum RMS voltage
VRMS
3.5
5.6
7
8.4
10.5
11.2
12.6
KV
Maximum DC blocking voltage
VDC
5
8
10
12
15
16
18
KV
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55-C
IO
450
mA
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Operating junction and storage
temperature range
TJ,TSTG
-40 to +130
-C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
HVM5
HVM8
HVM10
HVM12
HVM15
HVM16
HVM18
Unit
Maximum instantaneous forward voltage at 1A
VF
10.0
12
14
16
V
Maximum DC reverse current at
rated DC blocking voltage
TA=25-C
IR
10.0
μA
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - HVM12

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HVM12 RECTRON-HVM12 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM12 DCCOM-HVM12 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Leshan Radio Company
HVM12 LRC-HVM12 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVM12 MIC-HVM12 Datasheet
87Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
HVM12 CHONGQING-HVM12 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results

Similar Description - HVM12

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS11 PHILIPS-BAS11 Datasheet
42Kb / 7P
Controlled avalanche rectifiers
1996 Sep 26
BYW54 PHILIPS-BYW54 Datasheet
46Kb / 7P
Controlled avalanche rectifiers
1996 Oct 03
logo
Shenzhen Taychipst Elec...
BYG50D TAYCHIPST-BYG50D Datasheet
4Mb / 3P
Controlled avalanche rectifiers
logo
Leshan Radio Company
HVM5 LRC-HVM5_11 Datasheet
284Kb / 8P
Controlled avalanche characteristic combined Low forward voltage drop
HVP5 LRC-HVP5_11 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
UHVM6-350 LRC-UHVM6-350 Datasheet
95Kb / 4P
Controlled avalanche characteristic combined with the ability to dissipate reverse power
UHVM6-450 LRC-UHVM6-450 Datasheet
102Kb / 4P
Controlled avalanche characteristic combined with the ability to dissipate reverse power
logo
Anshan Suly Electronics
HV37-08 ANSHAN-HV37-08 Datasheet
192Kb / 3P
Avalanche characteristic
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
NXP Semiconductors
1N5059 PHILIPS-1N5059 Datasheet
74Kb / 7P
Controlled avalanche rectifiers
1996 Jun 19
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com