Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L1206A210K Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # L1206A210K
Description  ESD-SMD Multilayer chip Varistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

L1206A210K Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  L1206A210K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd L1206A210K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd L1206A210K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd L1206A210K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
All data is subject to change,Please check our data sheets at
www.leiditech.com for updates.
Electrical Rating
MOV 03
No
Item
Requirements
Test method
1
Operation
Range
1. -40℃ ~ 85℃
2
Leakage
current
1. Satisfaction to the specification, under 1uA
1. Applied voltage : specified working voltage
3Capacitance 1. Satisfaction to the specification, under 1pF
1. Frquency & OSC level : 1MHz, 1.0Vrms
4Solderability 1. More than 90% of the terminal electrode
shall be covered with new solder.
1. Type of solder : H63A
2. Soldering Temp & Time : 230+/-5℃, 5+/-1 sec
5
Reflow
soldering
1. No Serious mechanical damage
2. More than 50% of the terminal electrode
shall be covered with new solder
3. Leakage Currrent :≤ 10uA
1. Type of solder : H63A
2. Temp & Time : max 260+/-5℃, min 10sec
* Refer to the soldering profile of page 6
6
Humidity
Load Test
1. No Serious mechanical damage
2. Leakage Currrent :≤ 10uA
1. Test Temp. & Relative Humidity & Time : 85+/- 5℃,
85 +/- 5% RH, Vw Applied, 500 +/- 12hrs
7
Thermal
Shock
1. Step 1 : -40 +/- 5℃, Step 2 : 85 +/- 5℃
2. Cycle : 30min ± 3min, each 5 cycles
8
High Temp.
Test
1. Temp. & time : 85+/-5℃ , 1000 +/- 24hrs
9
Adhesive
strength
1. No Serious mechanical damage
under condition of
1005 : min 0.5kgf, 1608 : min 1.0kgf
10
ESD
1. No mechanical damage after test
2. Leakage Current :≤ 10uA
* ESD gun (IEC61000-4-2 standard)
* C=150pF R=330Ω
1. Contact discharge
* Voltage :+/-8kV(Level 4)
* Number : 10 times in 10sec
2. Air discharge
* Voltage :+/-15kV(Level 4)
* Number : 10 times in 10sec
W [kgf] min.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com