Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB120F Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LB120F
Description  Radial leaded devices
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LB120F Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LB120F Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LB120F Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice
page 1 of 2
Features
Radial leaded devices
Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
High voltage surge capabilities
Agency Recognition: UL、CSA、TUV
Product Dimensions (mm)
A
B
C
D
E
Lead
Part number
Max.
Max.
Min.
Max.
Min.
Typ.
Size(φ)
LB120F
6.5
11.0
4.4
5.8
4.7
5.1
0.6
Marking system
LB
Product family
Current rating
* Lead materials: Tin-plate metal wire.
* Lead-free devices are available,
the right logo is lead-free mark of wayon.
Electrical Characteristics
IH
IT
Ttrip
Vmax
Vint
Imax
Pd typ
Rmin
Rmax
Part number
(A)
(A)
Current(A)
Time(s)
(Vdc)
(Vac)
(A)
(W)
(Ω)
(Ω)
LB120F
0.120
0.240
1.00
2.50
60
250
3.0
1.0
4.00
12.00
IH=Hold current: maximum current at which the device will not trip at 25℃ still air.
IT=Trip current: minimum current at which the device will always trip at 25℃ still air.
Ttrip=Maximum time to trip at 5 times hold current.
Vmax=Maximum voltage device can withstand without damage at rated current.
Vint = Maximum interrupt voltage device can withstand without damage at Rated current
Imax=Maximum fault current device can withstand without damage at rated voltage.
Pdtyp=Typical power dissipation: typical amount of power dissipated by the device when in state air environment.
Rmin=Minimum device resistance at 25℃ prior to tripping
Rmax= Maximum device resistance at 25℃ prior to tripping
Thermal Derating Chart-IH(A)
Maximum ambient operating temperatures(℃)
Part number
-40
-20
0
25
40
50
60
70
85
LB120F
0.191
0.170
0.148
0.120
0.104
0.093
0.082
0.071
0.055
Package Information
Bulk: 1000pcs per bag.
Tape & Reel: 1500pcs per reel.
LB120F
Phone: +86- 021-50828806
Email:sale1@leiditech.com
http://www.leiditech.com
SHANGHAI LEIDITECH ELECTRONICS TECHNOLOGY CO., LTD


Similar Part No. - LB120F

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
LB1201AB POINN-LB1201AB Datasheet
286Kb / 14P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
LB1201AB ETC1-LB1201AB Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
logo
Power Innovations Ltd
LB1201AS POINN-LB1201AS Datasheet
286Kb / 14P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
LB1201AS ETC1-LB1201AS Datasheet
649Kb / 15P
LH1263 E&M Signaling Circuit
logo
Sanyo Semicon Device
LB1205 SANYO-LB1205 Datasheet
70Kb / 2P
High-Voltage, High- Current Darlington Driver
More results

Similar Description - LB120F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R250 BOURNS-MF-R250 Datasheet
137Kb / 5P
Radial Leaded Devices
logo
Tyco Electronics
BBRF550 MACOM-BBRF550_1 Datasheet
329Kb / 28P
PolySwitch Resettable Devices Radial-leaded Devices
logo
StarHope
K600 SPSEMI-K600 Datasheet
1Mb / 2P
Radial leaded Devices
K250 SPSEMI-K250 Datasheet
1Mb / 3P
Radial leaded Devices
K60 SPSEMI-K60 Datasheet
1Mb / 3P
Radial leaded Devices
K30 SPSEMI-K30 Datasheet
1Mb / 3P
Radial leaded Devices
K16 SPSEMI-K16 Datasheet
1,021Kb / 2P
Radial leaded Devices
logo
Shanghai Leiditech Elec...
LB250LVF LEIDITECH-LB250LVF Datasheet
361Kb / 2P
Radial leaded devices
LB600LVF LEIDITECH-LB600LVF Datasheet
473Kb / 2P
Radial leaded devices
LB800LVF LEIDITECH-LB800LVF Datasheet
425Kb / 2P
Radial leaded devices
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com