Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C32245 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST16C32245
Description  14 BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR, A SIDE SERIES RESISTOR, 2 BIT I2C LINES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16C32245 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST16C32245 Datasheet HTML 5Page - STMicroelectronics ST16C32245 Datasheet HTML 6Page - STMicroelectronics ST16C32245 Datasheet HTML 7Page - STMicroelectronics ST16C32245 Datasheet HTML 8Page - STMicroelectronics ST16C32245 Datasheet HTML 9Page - STMicroelectronics ST16C32245 Datasheet HTML 10Page - STMicroelectronics ST16C32245 Datasheet HTML 11Page - STMicroelectronics ST16C32245 Datasheet HTML 12Page - STMicroelectronics ST16C32245 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ST16C32245
9/20
Table 11: AC Electrical Characteristics
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switch-
ing in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|
2) Parameter guaranteed by design
3) To add 2.5ns at tPLH, tPHL max propagation delay time Bn to An at VCCB=1.8±0.15V; VCCA=2.8±0.1V; RL=500Ω, when CL=60 pF
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
-40 to 85 °C
Min.
Max.
tPLH tPHL
Propagation Delay Time
An to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.8
ns
1.8
± 0.15 3.3 ± 0.3
1.0
6.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tPLH tPHL
Propagation Delay Time
Bn to An (nota 3)
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.5
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
G to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.1
2.5
± 0.2 3.3 ± 0.3
1.0
4.0
tPZL tPZH
Output Enable Time
G to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
8.3
ns
1.8
± 0.15 3.3 ± 0.3
1.0
8.2
2.5
± 0.2 3.3 ± 0.3
1.0
4.6
tPLZ tPHZ
Output Disable Time
G to An
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
5.2
ns
1.8
± 0.15 3.3 ± 0.3
1.0
5.6
2.5
± 0.2 3.3 ± 0.3
1.0
4.8
tPLZ tPHZ
Output Disable Time
G to Bn
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
1.0
4.6
ns
1.8
± 0.15 3.3 ± 0.3
1.0
4.5
2.5
± 0.2 3.3 ± 0.3
1.0
4.4
tOSLH
tOSHL
Output To Output Skew
Time (note1, 2)
1.8
± 0.15 2.5 ± 0.2
CL = 30 pF
RL = 500 Ω
0.5
ns
1.8
± 0.15 3.3 ± 0.3
0.5
2.5
± 0.2 3.3 ± 0.3
0.75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com