Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE01P30K Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE01P30K
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE01P30K Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE01P30K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE01P30K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE01P30K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE01P30K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE01P30K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE01P30K Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LCE01P30K
Description
The LCE01P30K uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It can
be used in a wide variety of applications. It is ESD protested.
General Features
●
VDS =-100V,ID =-30A
RDS(ON) <58mΩ @ VGS=-10V (Typ:44mΩ)
RDS(ON) <65mΩ @ VGS=-4.5V (Typ:48mΩ)
●
Super high dense cell design
●
Advanced trench process technology
●
Reliable and rugged
●
High density cell design for ultra low On-Resistance
Application
●
Portable equipment and battery powered systems
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
TO-252-2L top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE01P30K
LCE01P30K
TO-252-2L
-
-
-
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-100
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-30
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-21
A
Pulsed Drain Current
IDM
-150
A
Maximum Power Dissipation
PD
120
W
Derating factor
0.8
W/℃
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 175
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case
(Note 2)
RθJc
1.25
/W
℃
P-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LCE01P30K

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE01P30 LEIDITECH-LCE01P30 Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LCE01P30K

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com