Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM40P13S Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM40P13S
Description  P-ChannelEnhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM40P13S Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM40P13S Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM40P13S Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Description
The LM40P13S uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
● VDS =-40V,ID =-13A
RDS(ON) <15mΩ @ VGS=-10V
RDS(ON) <18mΩ @ VGS=-4.5V
● High density cell design for ultra low Rdson
● Fully characterized avalanche voltage and current
● Excellent package for good heat dissipation
Application
●
Power switching application
●
Hard switched and high frequency circuits
●
DC-DC converter
Schematic diagram
Marking and pin assignment
SOP-8 top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
LM40P13S
SOP-8
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-40
V
Gate-Source Voltage
VGS
±20
V
Drain Current-Continuous
ID
-13
A
Drain Current-Continuous(TC=100℃)
ID (100℃)
-9
A
Pulsed Drain Current
IDM
50
A
Maximum Power Dissipation
PD
2.5
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance ,Junction-to-Ambient(Note 2)
RθJA
50
/W
℃
LM40P13S
Enhancement Mode Power MOSFET
P-Channel
NCE40P13S
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LM40P13S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM40P05Y LEIDITECH-LM40P05Y Datasheet
1,000Kb / 6P
P-Channel Super Enhancement Mode MOSFET
LM40P40K LEIDITECH-LM40P40K Datasheet
920Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LM40P13S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE55P04S LEIDITECH-LCE55P04S Datasheet
1Mb / 6P
P-ChannelEnhancement Mode Power MOSFET
LM4012 LEIDITECH-LM4012 Datasheet
2Mb / 6P
N-ChannelEnhancement Mode Power MOSFET
LM4953 LEIDITECH-LM4953 Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LMS4435A LEIDITECH-LMS4435A Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LMQ1216A LEIDITECH-LMQ1216A Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LMQ3400A LEIDITECH-LMQ3400A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LMG80G06A LEIDITECH-LMG80G06A Datasheet
1Mb / 5P
N-ChannelEnhancement Mode Power MOSFET
LM2D16P02 LEIDITECH-LM2D16P02 Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
LM8S6P04 LEIDITECH-LM8S6P04 Datasheet
983Kb / 6P
P-ChannelEnhancement Mode Power MOSFET
LM8S12N04 LEIDITECH-LM8S12N04 Datasheet
3Mb / 6P
N-ChannelEnhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com