Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1383 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # C1383
Description  Silicon NPN epitaxial planer type(For low-frequency power amplification and driver amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

C1383 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  C1383 Datasheet HTML 1Page - Panasonic Semiconductor C1383 Datasheet HTML 2Page - Panasonic Semiconductor C1383 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Transistor
2SC1383, 2SC1384
PC — Ta
IC — VCE
IC — IB
VCE(sat) — IC
VBE(sat) — IC
hFE — IC
fT — IE
Cob — VCB
VCER — RBE
0
160
40
120
80
140
20
100
60
0
1.2
1.0
0.8
0.6
0.4
0.2
Ambient temperature Ta (˚C)
010
8
26
4
0
1.5
1.25
1.0
0.75
0.5
0.25
I
B=10mA
9mA
8mA
7mA
6mA
5mA
4mA
3mA
2mA
1mA
Ta=25˚C
Collector to emitter voltage V
CE
(V)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
V
CE=10V
Ta=25˚C
Base current I
B
(mA)
0.01
0.1
1
10
0.03
0.3
3
0.001
0.003
0.01
0.03
0.1
0.3
1
3
10
I
C/IB=10
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0.01
0.03
0.1
0.3
1
3
10
30
100
I
C/IB=10
Ta=–25˚C
25˚C
75˚C
Collector current I
C
(A)
0.01
0.1
1
10
0.03
0.3
3
0
600
500
400
300
200
100
V
CE=10V
Ta=75˚C
25˚C
–25˚C
Collector current I
C
(A)
–1
–3
–10
–30
–100
0
200
160
120
80
40
180
140
100
60
20
V
CB=10V
Ta=25˚C
Emitter current I
E
(mA)
1
3
10
30
100
0
50
40
30
20
10
45
35
25
15
5
I
E=0
f=1MHz
Ta=25˚C
Collector to base voltage V
CB
(V)
0.1
1
10
100
0.3
3
30
0
120
100
80
60
40
20
I
C=10mA
Ta=25˚C
2SC1384
2SC1383
Base to emitter resistance R
BE
(k
Ω)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com