Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM3 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 31Page - ATMEL Corporation AT90PWM3 Datasheet HTML 32Page - ATMEL Corporation AT90PWM3 Datasheet HTML 33Page - ATMEL Corporation AT90PWM3 Datasheet HTML 34Page - ATMEL Corporation AT90PWM3 Datasheet HTML 35Page - ATMEL Corporation AT90PWM3 Datasheet HTML 36Page - ATMEL Corporation AT90PWM3 Datasheet HTML 37Page - ATMEL Corporation AT90PWM3 Datasheet HTML 38Page - ATMEL Corporation AT90PWM3 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 365 page
background image
35
AT90PWM2/3
4317B–AVR–02/05
The PLL is locked on the RC Oscillator and adjusting the RC Oscillator via OSCCAL
Register will adjust the fast peripheral clock at the same time. However, even if the pos-
sibly divided RC Oscillator is taken to a higher frequency than 1 MHz, the fast peripheral
clock frequency saturates at 70 MHz (worst case) and remains oscillating at the maxi-
mum frequency. It should be noted that the PLL in this case is not locked any more with
the RC Oscillator clock.
Therefore it is recommended not to take the OSCCAL adjustments to a higher fre-
quency than 1 MHz in order to keep the PLL in the correct operating range. The internal
PLL is enabled only when the PLLE bit in the register PLLCSR is set. The bit PLOCK
from the register PLLCSR is set when PLL is locked.
Both internal 1 MHz RC Oscillator and PLL are switched off in Power-down and Standby
sleep modes.
Figure 15. PCK Clocking System
PLL Control and Status
Register – PLLCSR
• Bit 7..3 – Res: Reserved Bits
These bits are reserved bits in the AT90PWM2/3 and always read as zero.
• Bit 2 – PLLF: PLL Factor
The PLLF bit is used to select the division factor of the PLL.
If PLLF is set, the PLL output is 64Mhz.
If PLLF is clear, the PLL output is 32Mhz.
• Bit 1 – PLLE: PLL Enable
When the PLLE is set, the PLL is started and if not yet started the internal RC Oscillator
is started as PLL reference clock. If PLL is selected as a system clock source the value
for this bit is always 1.
• Bit 0 – PLOCK: PLL Lock Detector
When the PLOCK bit is set, the PLL is locked to the reference clock, and it is safe to
enable CLK
PLL for PSC. After the PLL is enabled, it takes about 100 ms for the PLL to
lock.
8 MHz
RC OSCILLATOR
OSCCAL
XTAL1
XTAL2
OSCILLATORS
DIVIDE
BY 8
DIVIDE
BY 2
CK
PLL
64x
PLLE
Lock
Detector
PLOCK
SOURCE
PLLF
DIVIDE
BY 4
CLK
PLL
Bit
765
4321
0
$29 ($29)
–
–
–
–
–
PLLF
PLLE
PLOCK
PLLCSR
Read/Write
R
R
R
R
R
R/W
R/W
R
Initial Value
0
0
0
0
0
0
0/1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com