Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2N60CP Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2N60CP
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2N60CP Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2N60CP Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2N60CP Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
On-Characteristics
Parameter
Symbol
Tests Conditions
Min
Type
Max
Unit
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID=250μA
2.0
-
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS =10V , ID=1.0A
-
3.5
4.5
Ω
Forward Transconductance
gfs
VDS = 40V, ID=1.0A(note4)
-
2.0
-
S
Dynamic Characteristics
Parameter
Symbol
Tests Conditions
Min
Type
Max
Unit
Input capacitance
Ciss
VDS=25V, VGS =0V, f=1.0MHz
-
380
480
pF
Output capacitance
Coss
-
40
52
pF
Reverse transfer capacitance
Crss
-
6
8
pF
Switching Characteristics
Parameter
Symbol
Tests Conditions
Min
Type
Max
Unit
Turn-On delay time
td(on)
VDD=300V, ID=2A, RG=25Ω
(
note 4,5)
-
16
40
ns
Turn-On rise time
tr
-
50
110
ns
Turn-Off delay time
td(off)
-
40
80
ns
Turn-Off Fall time
tf
-
45
95
ns
Total Gate Charge
Qg
VDS =480V , ID=2A, VGS =10V
(
note 4,5)
-
10
14
nC
Gate-Source charge
Qgs
-
2.1
-
nC
Gate-Drain charge
Qgd
-
5.5
-
nC
Drain-Source Diode Characteristics and Maximum Ratings
Parameter
Symbol
Tests Conditions
Min
Type
Max
Unit
Maximum Continuous Drain-Source Diode
Forward Current
IS
-
-
2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
-
-
8
A
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=2A
-
-
1.4
V
Reverse recovery time
trr
VGS=0V, IS=2A
dIF/dt=100A/μs (note 4)
-
260
-
ns
Reverse recovery charge
Qrr
-
1.2
-
μC
LM2N60CP
Rev :
www.leiditech.com
01.06.2018
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com