Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950818 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS950818
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950818 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS950818 Datasheet HTML 4Page - Integrated Circuit Systems ICS950818 Datasheet HTML 5Page - Integrated Circuit Systems ICS950818 Datasheet HTML 6Page - Integrated Circuit Systems ICS950818 Datasheet HTML 7Page - Integrated Circuit Systems ICS950818 Datasheet HTML 8Page - Integrated Circuit Systems ICS950818 Datasheet HTML 9Page - Integrated Circuit Systems ICS950818 Datasheet HTML 10Page - Integrated Circuit Systems ICS950818 Datasheet HTML 11Page - Integrated Circuit Systems ICS950818 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
ICS950818
0825F—11/19/03
Pin #
Name
0
1
PWD
Bit 7
X
-
M/N Enable (Enable access to
Byte 11 - 14)
RW
HW/B0
Byte
(11-14)
0
Bit 6
X
-
(Reserved)
X
-
-
0
Bit 5
X
-
(Reserved)
X
-
-
1
Bit 4
X
-
(Reserved)
X
-
-
1
Bit 3
X
-
(Reserved)
X
-
-
1
Bit 2
X
-
(Reserved)
X
-
-
1
Bit 1
X
-
(Reserved)
X
-
-
1
Bit 0
X
-
(Reserved)
X
-
-
0
Pin #
Name
0
1
PWD
Bit 7
X
-
VCO Divider Bit8
RW
-
-
X
Bit 6
X
-
REF Divider Bit6
RW
-
-
X
Bit 5
X
-
REF Divider Bit5
RW
-
-
X
Bit 4
X
-
REF Divider Bit4
RW
-
-
X
Bit 3
X
-
REF Divider Bit3
RW
-
-
X
Bit 2
X
-
REF Divider Bit2
RW
-
-
X
Bit 1
X
-
REF Divider Bit1
RW
-
-
X
Bit 0
X
-
REF Divider Bit0
RW
-
-
X
Pin #
Name
0
1
PWD
Bit 7
X
-
VCO Divider Bit7
RW
-
-
X
Bit 6
X
-
VCO Divider Bit6
RW
-
-
X
Bit 5
X
-
VCO Divider Bit5
RW
-
-
X
Bit 4
X
-
VCO Divider Bit4
RW
-
-
X
Bit 3
X
-
VCO Divider Bit3
RW
-
-
X
Bit 2
X
-
VCO Divider Bit2
RW
-
-
X
Bit 1
X
-
VCO Divider Bit1
RW
-
-
X
Bit 0
X
-
VCO Divider Bit0
RW
-
-
X
Pin #
Name
0
1
PWD
Bit 7
X
-
Spread Spectrum Bit7
RW
-
-
X
Bit 6
X
-
Spread Spectrum Bit6
RW
-
-
X
Bit 5
X
-
Spread Spectrum Bit5
RW
-
-
X
Bit 4
X
-
Spread Spectrum Bit4
RW
-
-
X
Bit 3
X
-
Spread Spectrum Bit3
RW
-
-
X
Bit 2
X
-
Spread Spectrum Bit2
RW
-
-
X
Bit 1
X
-
Spread Spectrum Bit1
RW
-
-
X
Bit 0
X
-
Spread Spectrum Bit0
RW
-
-
X
Affected Pin
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread
percentage may cause system failure.
BYTE
13
Note: The decimal representation of these 9 bits (Byte 12 bit[7:0]) and Byte 11 bit [7]) + 8 is equal to the VCO divider value.
Control Function
Type
Bit Control
Bit Control
Note: The decimal representation of these 7 bits (Byte 11 bit[6:0]) + 2 is equal to the REF divider value.
BYTE
11
Affected Pin
BYTE
12
Affected Pin
Control Function
Type
Control Function
Type
Bit Control
Bit Control
Type
BYTE
10
Affected Pin
Control Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com