Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS9DB306BFT Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9DB306BFT
Description  PCI Express, Jitter Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9DB306BFT Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9DB306BFT Datasheet HTML 2Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 3Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 4Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 5Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 6Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 7Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 8Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 9Page - Integrated Circuit Systems ICS9DB306BFT Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9DB306BL
www.icst.com/products/hiperclocks.html
REV. A APRIL 7, 2005
6
Integrated
Circuit
Systems, Inc.
ICS9DB306
PCI EXPRESS,
JITTER ATTENUATOR
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
nQx
LVPECL
OUTPUT SKEW
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
-1.3V ± 0.165V
CYCLE-TO-CYCLE JITTER
OUTPUT DUTY CYCLE/PULSE WIDTH PERIOD
2V
V
CMR
Cross Points
V
PP
V
EE
CLK
nCLK
V
CC
tsk(o)
PCIEXC0:5x
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
PCIEXT0:5x
PCIEXC0:5y
PCIEXT0:5y
OUTPUT RISE/FALL TIME
Pulse Width
t
PERIOD
t
PW
t
PERIOD
odc =
PCIEXT0:5
PCIEXC0:5
V
CC
V
EE
➤
➤
PCIEXT0:5
PCIEXC0:5
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com