Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTY1R6N50P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTY1R6N50P
Description  PolarHV Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY1R6N50P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTY1R6N50P Datasheet HTML 1Page - IXYS Corporation IXTY1R6N50P Datasheet HTML 2Page - IXYS Corporation IXTY1R6N50P Datasheet HTML 3Page - IXYS Corporation IXTY1R6N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS reserves the right to change limits, test conditions, and dimensions.
IXTP 1R6N50P
IXTY 1R6N50P
IXYS MOSFETs and IGBTs are covered by
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065B1
6,683,344
6,727,585
one or moreof the following U.S. patents:
4,850,072
5,017,508
5,063,307
5,381,025
6,259,123B1
6,534,343
6,710,405B2
6,759,692
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
Fig. 11. Capacitance
1
10
100
1000
0
5
10
15
20
25
30
35
40
VD S - Volts
Ciss
Coss
Crss
f = 1MHz
Fig. 10. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
00.511.5
22.5
33.5
4
Q G - nanoCoulombs
VDS = 250V
ID = 0.8A
IG = 10mA
Fig. 7. Input Adm ittance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
4
4.5
55.5
66.5
VG S - Volts
TJ = 125∫ C
25
∫ C
-40
∫ C
Fig. 8. Transconductance
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
I D - Amperes
TJ = -40∫ C
25
∫ C
125
∫ C
Fig. 9. Source Current vs.
Source-To-Drain Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
0.6
0.7
0.8
0.9
VS D - Volts
TJ = 125∫ C
TJ = 25∫ C
Fig. 12. Forw ard-Bias
Safe Operating Area
0.1
1
10
10
100
1000
VD S - Volts
100µs
1ms
DC
TJ = 150∫ C
TC = 25∫ C
RDS(on) Limit
10ms
25µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com