Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK4459 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTK4459
Description  High Power and current handing capability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK4459 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTK4459 Datasheet HTML 1Page - First Silicon Co., Ltd FTK4459 Datasheet HTML 2Page - First Silicon Co., Ltd FTK4459 Datasheet HTML 3Page - First Silicon Co., Ltd FTK4459 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FTK4459
2013. 01. 02
2/4
Revision No : 0
Electrical characteristics (Ta=25
℃ unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
STATIC PARAMETERS
Drain-source breakdown voltage
V(BR)DSS
VGS = 0V, ID =-250µA
-30
V
Zero gate voltage drain current
IDSS
VDS =-30V,VGS = 0V
-1
µA
Gate-body leakage current
IGSS
VGS =±20V, VDS = 0V
±100
nA
Gate threshold voltage (note 4)
VGS( h)
VDS =VGS, ID =-250µA
-1.4
-2.4
V
VGS =-10V, ID =-6.5A
46
mΩ
Drain-source on-resistance (note 4)
RDS(on)
VGS =-4.5V, ID =-5A
72
mΩ
Forward tranconductance (note 4)
gFS
VDS =-5V, ID =-6.5A
6
S
Diode forward voltage (note 4)
VSD
IS=-1A, VGS = 0V
-1
V
DYNAMIC PARAMETERS (note 5)
Input Capacitance
Ciss
415
625
pF
Output Capacitance
Coss
70
130
pF
Reverse Transfer Capacitance
Crss
VDS =-15V,VGS =0V,f =1MHz
40
90
pF
SWITCHING PARAMETERS (note 5)
Turn-on delay time
td(on)
7.5
ns
Turn-on rise time
tr
5.5
ns
Turn-off delay time
td(off)
19
ns
Turn-off fall time
tf
VGS=-10V,VDS=-15V,
RL=2.5Ω,RGEN=3Ω
7
ns
Total Gate Charge (10V)
7.4
11
nC
Total Gate Charge (4.5V)
Qg
3.7
6
nC
Gate-Source Charge
Qgs
1.3
1.9
nC
Gate-Drain Charge
Qgd
VDS =-15V,VGS =-10V,ID=-6.5A
1.3
3.1
nC
Notes :
1. Repetitive rating : Pulse width limited by junction temperature TJ(MAX)=150
℃. Ratings are based on low frequency and
duty cycles to keep initial TJ=25
℃.
2. The power dissipation PD is based on TJ(MAX)=150
℃, using ≤10s junction-to-ambient thermal resistance.
3. The value in any given application depends on the user’s specific board design.
4. Pulse Test : Pulse Width≤300µs, Duty Cycle≤0.5%.
5. These parameters have no way to verify.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com