Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILM2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # ILM2
Description  Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ILM2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  ILM2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ILM2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (06.12.10)
1
Operating temperature
-25 to +120 °C
Degree of protection
IP 67
Float
Diameter
Ø 53 mm
Material
AISI 316 stainless steel
Min liquid specific gravity
0.75 kg/dm3
Max pressure
20 kg/cm2
CE-marking
Yes
General Specifications
Type Selection
Proximity Magnetic Sensors
Level Magnetic Sensors
ILM Series
• Spheric AISI 316 stainless steel housing
• NO, NC or CO output functions
• Silicone or PVC cable output connection
• Reversible output function by float overturning
Ordering Key
ILM S 2
The ILM models, made of
stainless
steel,
are
com-
posed by a float sliding all
along a rod.
By a simple rod or float
overturning it is possible to
reverse the output function.
Product Description
Type
Output function
Reed contact type
Output
ILM2, ILM8
NO, NC
ILMS2
Change-over
Contact ratings
Max Switching Voltage
ILM2
250 VAC
ILM8
1500 VAC
ILMS2
230 VAC
Max Switching Current
ILM2
3 A
ILM8
3 A
ILMS2
1 A
Max Switching Power
ILM2
100 VA
ILM8
120 VA
ILMS2
60 VA
Output Specifications
Float diameter
Connection
Output function
Reference
Ø 53
Silicone cable L= 0.5m
NO, NC*
ILM 2
Ø 53
Silicone cable L= 0.5m
NO, NC*
ILM 8
Ø 53
Silicone cable L= 0.5m
CO
ILM S 2
Diameters are specified in millimeters (mm)
*Reversible output function by float overturning


Similar Part No. - ILM2

ManufacturerPart #DatasheetDescription
logo
Intelligent LED Solutio...
ILM-IP01-85SN-SC201-WIR20 ILS-ILM-IP01-85SN-SC201-WIR20 Datasheet
553Kb / 6P
OSLON® P1616 1 Micro IR
Version V2 March 2020
ILM-IP01-94SN-SC201-WIR20 ILS-ILM-IP01-94SN-SC201-WIR20 Datasheet
553Kb / 6P
OSLON® P1616 1 Micro IR
Version V2 March 2020
ILM-IQ01-85SL-SC201-WIR20 ILS-ILM-IQ01-85SL-SC201-WIR20 Datasheet
876Kb / 10P
OSLON® IR P1616 Lens 1 MicroOSLON
Version V1
ILM-IQ01-94SL-SC201-WIR20 ILS-ILM-IQ01-94SL-SC201-WIR20 Datasheet
876Kb / 10P
OSLON® IR P1616 Lens 1 MicroOSLON
Version V1
ILM-ON01-FLWH-SC221-WIR20 ILS-ILM-ON01-FLWH-SC221-WIR20 Datasheet
949Kb / 8P
OSLON®80 1 Micro Whites
V1.1 July 2018
More results

Similar Description - ILM2

ManufacturerPart #DatasheetDescription
logo
SICK AG
MM12-45APS-ZCKS01 SICK-MM12-45APS-ZCKS01 Datasheet
2Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60ANS-ZUK SICK-MM12-60ANS-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APO-ZUK SICK-MM12-60APO-ZUK Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM12-60APS-ZCK SICK-MM12-60APS-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MM18-70A-N-ZW0 SICK-MM18-70A-N-ZW0 Datasheet
1Mb / 6P
MAGNETIC PROXIMITY SENSORS
MM18-70APO-ZCK SICK-MM18-70APO-ZCK Datasheet
2Mb / 7P
MAGNETIC PROXIMITY SENSORS
MQ10-60ANS-KU0 SICK-MQ10-60ANS-KU0 Datasheet
845Kb / 6P
MAGNETIC PROXIMITY SENSORS
logo
Carlo Gavazzi Holding A...
ILUS2 CARLOGAVAZZI-ILUS2 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
ILSP8 CARLOGAVAZZI-ILSP8 Datasheet
45Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILSP Series
ILMP5P CARLOGAVAZZI-ILMP5P Datasheet
55Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com