Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILMM5ATS1 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # ILMM5ATS1
Description  Proximity Magnetic SensorsLevel Magnetic SensorsILMM Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ILMM5ATS1 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  ILMM5ATS1 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ILMM5ATS1 Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (19.01.18)
1
Operating temperature
ILMM5, ILMM590
-10 to +120 °C
ILMM5ATS1, ILMM5S2AT
-10 to +200 °C
ILMM5S1, ILMM5S2
-20 to +120 °C
Degree of protection
IP 68 (cable output IP67)
Float
Diameter
Ø 28 mm
Material
ILMM5, ILMM590,
ILMM5ATS1
AISI 304 stainless steel
ILMM5S2AT, ILMM5S1,
ILMM5S2
AISI 316 stainless steel
Min liquid specific gravity
0.75 kg/dm3
Max pressure
10 kg/cm2
Special applications
ILMM5ATS1, ILMM5S2AT
High temperature versions
CE-marking
Yes
General Specifications
Type Selection
• Cylindrical AISI 304 or 316 stainless steel
housing
• NO or NC output functions
• Reversible output function by float overturning
• XLPE cable output connection
• High temperature versions available
• Suited for use in corrosive environments
Ordering Key
ILMM 5 S2 AT
The stainless steel models
can be used also in corro-
sive environments.
The micro level switches
find their ideal application
in food, chemical and oil
industries.
The ILMM5S1 model is also
available in S2 version with
1/8” gas thread.
Product Description
Type
Reed contact type
Special version
Special application
Output
ILMM5, ILMM590,
ILMM5ATS1
NO, NC
ILMM5S2AT, ILMM5S2
NC
ILMM5S1
NO
Contact ratings
Max Switching Voltage
240 VAC, 220 VDC
Max Switching Current
0.5 A
Max Switching Power
50 VA
Output Specifications
Float diameter
Connection
Output function
Reference
Ø 28
XLPE cable L= 0.3m
NO, NC
*
ILMM 5
Ø 28
XLPE cable L= 0.3m
NO, NC
*
ILMM 5 90
Ø 28
TEFLON cable L= 1.1m
NO, NC
*
ILMM 5 AT S1
Ø 28
TEFLON cable L= 0.3m
NC
ILMM 5 S2 AT
Ø 28
XLPE cable L= 0.3m
NC
ILMM 5 S2
Ø 28
XLPE cable L= 0.3m
NO
ILMM 5 S1
Diameters are specified in millimeters (mm)
*Reversible output function by float overturning
Proximity Magnetic Sensors
Level Magnetic Sensors
ILMM Series


Similar Part No. - ILMM5ATS1

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
ILM2 CARLOGAVAZZI-ILM2 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
ILM8 CARLOGAVAZZI-ILM8 Datasheet
44Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILM Series
ILMP5 CARLOGAVAZZI-ILMP5 Datasheet
55Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
ILMP5P CARLOGAVAZZI-ILMP5P Datasheet
55Kb / 2P
Proximity Magnetic Sensors Level Magnetic Sensors ILMP Series
ILMPU5 CARLOGAVAZZI-ILMPU5 Datasheet
79Kb / 2P
Proximity Magnetic sensors Level Magnetic Sensors
More results

Similar Description - ILMM5ATS1

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PTA10490 CELDUC-PTA10490 Datasheet
423Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTA80020 CELDUC-PTA80020 Datasheet
448Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTC13730 CELDUC-PTC13730 Datasheet
95Kb / 2P
MAGNETIC PROXIMITY SENSOR
PTE21320 CELDUC-PTE21320 Datasheet
745Kb / 3P
MAGNETIC PROXIMITY SENSOR
PBA10010 CELDUC-PBA10010 Datasheet
302Kb / 2P
MAGNETIC PROXIMITY SENSOR
PCC26720 CELDUC-PCC26720 Datasheet
366Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLA12435U CELDUC-PLA12435U Datasheet
320Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLC12425U CELDUC-PLC12425U Datasheet
319Kb / 2P
MAGNETIC PROXIMITY SENSOR
PLMA0100 CELDUC-PLMA0100 Datasheet
324Kb / 2P
MAGNETIC PROXIMITY SENSOR
PSC42000 CELDUC-PSC42000 Datasheet
328Kb / 2P
MAGNETIC PROXIMITY SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com