Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS08 Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # ICS08
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08 Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  ICS08 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Sensing
Detection
Rated operating distance S
n
Standard range: 1 mm (flush) and 2 mm (non-flush)
Extended range: 2 mm (flush) and 4mm (non-flush)
Reference target
The operating distance is measured according to IEC 60947-5-2, using a
standard target moving axially.
This target is square shape 1 mm thickness, made of steel e.g. type Fe 360
as defined in ISO 630 and it shall be of the rolled finish.
The length of the side of the square is equal to
– the diameter of the circle inscribed on the active surface of the sensing face,
or
– three times the rated operating distance S
n whichever is greater
Assured operating sensing distance
(S
a)
0 ≤ S
a ≤ 0.81 x Sn (e.g. with Sn of 2 mm, Sa is 0 ... 1.62 mm)
Effective operating distance (S
r)
0.9 x S
n ≤ Sr ≤ 1.1 x Sn
Usable operating distance (S
u)
0.9 x S
r ≤ Su ≤ 1.1 x Sr
Temperature drift
≤ +/-10%
Hysteresis (H)
1...20%
Y
X
S
T
S: sensor
T: target
-4,0
1,06,0
11,0
16,0
21,0
26,0
31,0
36,0
41,0
-197,0
-164,2
-131,3
-98,5
-65,7
-32,9
0,0
32,8
65,6
98,5
131,3
164,1
197,0
-5,0
-4,0
-3,0
-2,0
-1,0
0,0
1,0
2,0
3,0
4,0
5,0
-0,1
0,00,1
0,20,3
0,40,5
0,60,7
0,80,9
1,01,1
Distance [Thou]
Distance [mm]
T
S
-4,0
4,012,020,028,036,044,052,060,068,076,0
-197,0
-164,2
-131,3
-98,5
-65,7
-32,9
0,0
32,8
65,6
98,5
131,3
164,1
197,0
-5,0
-4,0
-3,0
-2,0
-1,0
0,0
1,0
2,0
3,0
4,0
5,0
0,00,2
0,40,6
0,81,0
1,21,4
1,61,8
2,0
Distance [Thou]
Distance[mm]
T
S
Fig. 1 Flush, 1mm
Fig. 2 Flush, 2mm
-4,0
4,012,020,028,036,044,052,060,068,076,0
-197,0
-164,2
-131,3
-98,5
-65,7
-32,9
0,0
32,8
65,6
98,5
131,3
164,1
197,0
-5,0
-4,0
-3,0
-2,0
-1,0
0,0
1,0
2,0
3,0
4,0
5,0
0,00,2
0,40,6
0,81,0
1,21,4
1,61,8
2,0
Distance [Thou]
Distance[mm]
T
S
-19,70,0
19,7
39,4
59,1
78,8
98,5
118,2137,9
157,6
-276,0
-207,0
-138,0
-69,0
0,0
69,0
138,0
207,0
276,0
-7,0
-6,0
-5,0
-4,0
-3,0
-2,0
-1,0
0,0
1,0
2,0
3,0
4,0
5,0
6,0
7,0
-0,5
0,00,5
1,01,5
2,02,5
3,03,5
4,04,5
Distance [Thou]
Distance [mm]
T
S
Fig. 3 Non-flush, 2mm
Fig. 4 Non-flush, 4mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com