Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS08S30F01PC Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # ICS08S30F01PC
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08S30F01PC Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  ICS08S30F01PC Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Structure
ICS08
A
A
D
B
C
A
B
C
B
C
D
Element
Component
Function
A
Sensing face
Flush or non-flush
B
2 nuts
For sensor mounting
C
LED
Yellow LED: Output flashing: short circuit or
overload indication
D
M8, 3 pin, male connector
For plug versions only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com