Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS08S30N02PC Datasheet(PDF) 6 Page - Carlo Gavazzi Holding AG

Part # ICS08S30N02PC
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08S30N02PC Datasheet(HTML) 6 Page - Carlo Gavazzi Holding AG

Back Button ICS08S30N02PC Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 9Page - Carlo Gavazzi Holding AG ICS08S30N02PC Datasheet HTML 10Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Correction factors
The specific operating distance S
n refers to defined measuring conditions. The following data have to be
considered as general guidelines.
Fe360 : Steel
CrNi : Chrome-nickel
CuZn : Brass
Al : Aluminium
Cu : Copper
Sr : Effective operating distance
Fig. 5 The rated operating distance is reduced by
the use of metals and alloys other than Fe360. The
most important reduction factors for inductive prox-
imity sensors are shown in the figure.
Accuracy
Repeat accuracy (R)
≤ 5%
Features
Power Supply
Rated operational voltage (U
b)
10 to 36 VDC (ripple included)
Ripple (U
rpp)
≤ 10%
No load supply current (I
o)
≤ 16 mA
Power ON delay (t
v)
≤ 20 ms
Outputs
Output functions
NPN or PNP by sensor type
Output configuration
N.O. and N.C. by sensor type
Output current (I
e)
≤ 200 mA @ 50°C (122°F); ≤ 150 mA @ 50°C...80°C (122°F...176°F)
OFF-state current (I
r)
≤ 50 μA
Voltage drop (U
d)
Max. 1.6 VDC @ 200 mA
Protection
Short-circuit, reverse polarity, transients and overload
Voltage transient
1 kV/0.5 J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com