Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMS01 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # SMS01
Description  Safety Magnetic Sensors Rectangular Safety Magnetic Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SMS01 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  SMS01 Datasheet HTML 1Page - Carlo Gavazzi Holding AG SMS01 Datasheet HTML 2Page - Carlo Gavazzi Holding AG SMS01 Datasheet HTML 3Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Specifications are subject to change without notice (13.06.17)
SMS01, SMS02
Wiring Diagrams
Application
Operating Directions
1
SMS01 + NSC02
SMS01 SMS02 SMS02S1*
Brown
Black
Blue
White
SMS02LD
Brown
Black
Blue
White
R
LED
* R = 39Ω on NO contact
Environment
Degree of protection
IP 67
Operating temperature
-25 to +70 °C
Storage temperature
-25 to +70 °C
Indication for
Gate open (SMS02LD)
LED, red
General Specifications (cont.)
Approvals
SMSAP11xx02M
cULus listed (UL508)
CE-marking
Yes
SMSAP11AA02M, SMSAP11AB02M
Orange (OR)
Black (BK)
Red (RD)
Brown (BR)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com