Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDM40 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # LDM40
Description  Digital Panel Meters DC/AC Current and Voltage Indicator/Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

LDM40 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  LDM40 Datasheet HTML 1Page - Carlo Gavazzi Holding AG LDM40 Datasheet HTML 2Page - Carlo Gavazzi Holding AG LDM40 Datasheet HTML 3Page - Carlo Gavazzi Holding AG LDM40 Datasheet HTML 4Page - Carlo Gavazzi Holding AG LDM40 Datasheet HTML 5Page - Carlo Gavazzi Holding AG LDM40 Datasheet HTML 6Page - Carlo Gavazzi Holding AG LDM40 Datasheet HTML 7Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Specifications are subject to change without notice
LDM40DS 250707
LDM40
Input
Range
Type
Accuracy
Temp. drift
Min. indicat. ( )
Max. indicat. ( )
LSE
-200µA to +200µA
-2mA to +2mA
-20mA to +20mA
-200mV to +200mV
-2V to +2V
-20V to +20V
DC/AC
DC: ±(0.1%RDG+3DGT)
0% to 25% FS;
±(0.1%RDG+2DGT)
25% to 110% FS.
TRMS (45 to 65Hz)*:
±(0.3%RDG+3DGT)
0% to 25% FS;
±(0.3%RDG+2DGT)
25% to 110% FS.
±150 ppm/°C
- 199.9
- 1.999
- 19.99
- 199.9
- 1.999
- 19.99
+ 200.0
+ 2.000
+ 20.00
+ 200.0
+ 2.000
+ 20.00
HSX
-200mA to +200mA
-2A to +2A
-5A to +5A
-20V to +20V
-200V to +200V
-500V to +500V
DC/AC
DC: ±(0.1%RDG+3DGT)
0% to 25% FS;
±(0.1%RDG+2DGT)
25% to 110% FS.
TRMS (45 to 65Hz)*:
±(0.3%RDG+3DGT)
0% to 25% FS;
±(0.3%RDG+2DGT)
25% to 110% FS.
±150 ppm/°C
- 199.9
- 1.999
- 1.999
- 19.99
- 199.9
- 199.9
+ 200.0
+ 2.000
+ 5.000
+ 20.00
+ 200.0
+ 500.0
Measurement accuracy, temperature drifts, min and max indications
All accuracies and min/max indications are referred to an ambient temperature range of 25°C ±5°C, relevant humidity
≤60% and scale ratio
(electrical/displayed scale) equal to 1.
Input
Range
Type
Impedance
Overload (continuous)
Overload (1s)
LSE
-200µA to +200µA
-2mA to +2mA
-20mA to +20mA
-200mV to +200mV
-2V to +2V
-20V to +20V
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
≤2.2kΩ
≤22Ω
≤22Ω
≥2.2kΩ
≥200kΩ
≥200kΩ
5mA
50mA
50mA
10V
50V
50V
10mA
150mA
150mA
20V
100V
100V
HSX
-200mA to +200mA
-2A to +2A
-5A to +5A
-20V to +20V
-200V to +200V
-500V to +500V
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
DC/AC
≤1Ω
≤0.012Ω
≤0.012Ω
≥2MΩ
≥2MΩ
≥2MΩ
0.8A
7.5A
7.5A
750V
750V
750V
1A
100A
100A
1000V
1000V
1000V
Input impedances and overloads
*
<45Hz >65Hz= ±(0.5%RDG+3DGT) 0% to 25% FS; ±(0.5%RDG+2DGT) 25% to 110% FS.
( ) The min. indication for TRMS measurement (AC or DC) is 0; it is possible to modify the decimal point position.
The max indication using the scaling capability of the instrument can be extended to 9999.
Alarm outputs
(on request)
Alarm type
Active alarm for out-of-range,
up alarm,
down alarm,
down alarm with
start-up deactivation,
up alarm with latch,
down alarm with latch
Alarm set-point
Adjustable from 0 to 100%
of displayed range
Hysteresis
0 to 100% of displayed range
On-time delay
0 to 255 s
Off-time delay
0 to 255 s
Output status
Selectable: normally
energized/de-energized
Min response time
500 ms, with filter excluded,
without alarm on-time delay
Output channels
Up to 2
Type SPDT
AC 1: 5A, 250VAC
DC 12: 5A, 24VDC
AC 15: 2,5A, 250VAC
DC 13: 2,5A, 24VDC
Insulation
4000 VRMS output to
measuring input,
4000 VRMS output to
power supply input.
Output specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com