Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM0130 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM0130
Description  N-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM0130 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM0130 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0130 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0130 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM0130 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Package Dimensions
·Low On resistance.
·10V drive.
·RoHS compliant.
Specifications
Absolute Maximum Ratings at Ta=25
0C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
100
V
Gate-to-Source Voltage
VGSS
+20
V
Drain Current (DC)
ID
30
A
Drain Current (Pulse)
IDP
PW≤10uS, duty cycle≤1%
70
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1000mm
2×0.8mm) 1unit
75
W
Single pulse avalanche energy
EAS
256
mJ
Channel Temperature
Tch
150
0C
Storage Temperature
Tstg
-55~+150
0C
Electrical Characteristics at Ta=25
0C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=250uA, VGS=0V
100
-
-
V
Zero-Gate Voltage Drain Current
IDSS
VDS=100V, VGS=0V
-
-
1
uA
Gate-to-Source Leakage Current
IGSS
VGS=+20V, VDS=0V
-
-
+100
nA
Gate Threshold Voltage
VGS(th)
VDS= VGS, ID=250uA
2
3
4
V
Static Drain-to-Source On-State Resistance
RDS(ON)
ID=15A, VGS=10V
-
24
28
mΩ
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1MHz
-
2000
-
pF
Output Capacitance
Coss
VDS=25V, VGS=0V, f=1MHz
-
300
-
pF
Reverse Transfer Capacitance
Crss
VDS=25V, VGS=0V, f=1MHz
-
250
-
pF
TO-220 TO-252
LM0130
N-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2017
1/4


Similar Part No. - LM0130

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
LM016L HITACHI-LM016L Datasheet
175Kb / 2P
16 character x 2lines
LM016L HITACHI-LM016L Datasheet
170Kb / 3P
16 Character x 2 lines
LM016L HITACHI-LM016L_V01 Datasheet
170Kb / 3P
16 Character x 2 lines
LM016XMBL HITACHI-LM016XMBL Datasheet
175Kb / 2P
16 character x 2lines
logo
Sharp Corporation
LM019LC1S05 SHARP-LM019LC1S05 Datasheet
110Kb / 1P
GF color LCD Module
More results

Similar Description - LM0130

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com