Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPL-3.0 Datasheet(PDF) 6 Page - Recom International Power

Part # RPL-3.0
Description  Evaluation platform for RPL-3.0 Buck Regulator Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPL-3.0 Datasheet(HTML) 6 Page - Recom International Power

  RPL-3.0 Datasheet HTML 1Page - Recom International Power RPL-3.0 Datasheet HTML 2Page - Recom International Power RPL-3.0 Datasheet HTML 3Page - Recom International Power RPL-3.0 Datasheet HTML 4Page - Recom International Power RPL-3.0 Datasheet HTML 5Page - Recom International Power RPL-3.0 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.recom-power.com
REV.: 0/2020
P-6
Evaluation Module
Specifications (measured @ Ta= 25°C, full load and after warm-up unless otherwise stated)
RPL-3.0-EVM-1
Comp.
Description
Manufacturer Part Number
Manufacturer
Remarks
C8
22µF 16V X7R 1210
CL32B226KOJNNNE
Samsung Electro-Mechanics
C9
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
not mounted
C10
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
not mounted
C11
10µF 25V X7R 1206
CL31B106KAHNNNE
Samsung Electro-Mechanics
C12
100pF 25V X7R 0603
CC0603KRX7R8BB101
Yageo
C13
1 µ F 16V X7R 0603
CL10B105KO8NFNC
Samsung Electro-Mechanics
L1
FERRITE BEAD 2220
HI2220R301R-10
Laird
not mounted
L2
FERRITE BEAD 1206
742792121
Würth
not mounted
L3
FERRITE BEAD 74279252
74279252
Würth
L4
FERRITE BEAD 0805
742792040
Würth
not mounted
L5
FERRITE BEAD 2220
HI2220R301R-10
Laird
not mounted
L6
0R 1206
CRCW12060000Z0EAC
Vishay
L7
0R 0805
RC0805JR-070RL
Yageo
not mounted
P1
CONNECTOR
XW4K-04A1-H1
Omron Electronics INC
not mounted
P2
CONNECTOR
XW4K-04A1-H1
Omron Electronics INC
not mounted
P3
CONNECTOR
2060-452_998-404
Wago
P4
CONNECTOR
2060-452_998-404
Wago
R1
0R 0.1W 0603
RC0603JR-070RL
Yageo
R2
100K OHM 0.1W 1% 0603
RC0603FR-07100KL
Yageo
R3
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
R4
1K OHM 0.1W 1% 0603
RC0603FR-071KL
Yageo
R5
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
R6
47K OHM 0.1W 1% 0603
RC0603FR-0747KL
Yageo
R7
1K OHM 0.1W 1% 0603
RC0603FR-071KL
Yageo
R8
100K OHM 0.1W 1% 0603
RC0603FR-07100KL
Yageo
R9
37K4 OHM 0.1W 1% 0603
RC0603FR-0737K4L
Yageo
R10
15K OHM 0.1W 1% 0603
RC0603FR-0715KL
Yageo
R11
8K87 0.1W 1% 0603
RC0603FR-078K87L
Yageo
R12
0R 0.1W 0603
RC0603JR-070RL
Yageo
R13
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
R14
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
R15
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
R16
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
R17
0R 0.1W 0603
RC0603JR-070RL
Yageo
not mounted
U1
RPL-3.0
RPL-3.0
RECOM
• RPX-1.0-EVM-1 Evaluation Module
• Terms and Conditions
Contents
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
114.0 x 60.0 x 28.0mm
Packaging Quantity
1pc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com