Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT1501 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LMBT1501
Description  SOT-23 Plastic-Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LMBT1501 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LMBT1501 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT1501 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LMBT1501 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT-23 Plastic-Encapsulate Transistors
MAXIMUM RATINGS (TA=25
℃ unless otherwise noted)
Symbol
(符号)
Parameter
(参数名称)
Value
(额定值)
Units
(单位)
VCBO
Collector-Base Voltage (集电极-基极电压)
V
VCEO
Collector-Emitter Voltage (集电极-发射极电压)
V
VEBO
Emitter-Base Voltage (发射极-基极电压)
5
V
IC
Collector Current -Continuous (集电极电流)
A
PC
Collector Power Dissipation (耗散功率)
0.3
W
Tj
Junction Temperature (结温)
150
℃
Tstg
Storage Temperature (储存温度)
-55-150
℃
ELECTRICAL CHARACTERISTICS (Tamb=25℃unless otherwise specified)
Parameter
(参数名称)
Symbol
(符号)
Test conditions
(测试条件)
MIN
(最小值)
TYP
(典型值)
MAX
(最大值)
UNIT
(单位)
Collector-base breakdown voltage
集电极
-基极击穿电压
V(BR)CBO
IC= 100μA, IE=0
V
Collector-emitter breakdown voltage
集电极
-发射极击穿电压
V(BR)CEO
IC= 1mA, IB=0
V
Emitter-base breakdown voltage
发射极
-基极击穿电压
V(BR)EBO
IE=100μA, IC=0
5
V
Collector cut-off current
集电极
-基极截止电流
ICBO
VCB=120 V , IE=0
1
μ
A
Collector cut-off current
集电极
-发射极截止电流
ICEO
VCE=120V , IB=0
10
μ
A
Emitter cut-off current
发射极
-基极截止电流
IEBO
VEB=5V , IC=0
1
μ
A
DC current gain
直流电流增益
hFE
VCE=5V, IC= 10mA
100
400
Collector-emitter saturation voltage
集电极
-发射极饱和压降
VCE(sat)
IC=50mA, IB= 5mA
0.5
V
Base-emitter saturation voltage
发射极
-基极饱和压降
VBE(sat)
IC=50mA, IB= 5mA
1
V
CLASSIFICATION OF
hFE
Range
100-200
200-300
300-400
MARKING:G1
200
200
0.5
200
200
TRANSISTOR
(NPN) FEATURES
Rev :
www.leiditech.com
01.06.2018
1/3
LMBT1501


Similar Part No. - LMBT1501

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT2222 LRC-LMBT2222 Datasheet
243Kb / 6P
General Purpose Transistors NPN Silicon RoHS requirements.
LMBT2222A LRC-LMBT2222A Datasheet
243Kb / 6P
General Purpose Transistors NPN Silicon RoHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
139Kb / 6P
Dual General Purpose Transistors
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G Datasheet
447Kb / 8P
Dual General Purpose Transistors NPN Silicon ROHS requirements.
LMBT2222ADW1T1G LRC-LMBT2222ADW1T1G_12 Datasheet
447Kb / 8P
Dual General Purpose Transistors NPN Silicon ROHS requirements.
More results

Similar Description - LMBT1501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
MMBT3904 DAYA-MMBT3904 Datasheet
186Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
MMBTA42 DAYA-MMBTA42 Datasheet
202Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBTA13 DAYA-MMBTA13 Datasheet
389Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
MMBT3906 DAYA-MMBT3906 Datasheet
180Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
WILLAS ELECTRONIC CORP
A733 WILLAS-A733 Datasheet
434Kb / 3P
SOT-23 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
BCW61BLT1 WINNERJOIN-BCW61BLT1 Datasheet
150Kb / 1P
SOT-23 Plastic-Encapsulate Transistors
logo
Nanjing International G...
MMBT2222A DGNJDZ-MMBT2222A Datasheet
693Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
S9015 DGNJDZ-S9015 Datasheet
504Kb / 2P
SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com