Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201610A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 201610A
Description  Moiding power lnducto rs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

201610A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  201610A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 201610A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 201610A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 201610A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 201610A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd 201610A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd 201610A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
The LEI Series is designed specifically to enhance both PFM and
PWM application performance.Q(Rac) value at light load and the
RDC value at heavy load are both exceptional. Furthermore, the
saturated current performance is also optimal, helping to reduce the
ripple current and enhance the efficiency.
Features
Applications
 RoHS, Halogen Free and REACH Compliance
 High Efficiency
 Excellent Q, RDC and saturation current
 Low profile and miniature size down to 1.6*0.8*0.8mm
 Smartphones, tablets and wearable devices
 HDD, SSD and PC peripheral devices
 DSC, camcorders
 PND
 DC/DC converters
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B
C
D
160808A
1.6±0.2
0.80±0.2
0.8Max
0.3±0.2
201208A
2.0±0.2
1.25±0.2
0.8Max
0.5±0.3
201210A
2.0±0.2
1.25±0.2
1.0Max
0.5±0.3
201608A
2.0±0.2
1.60±0.2
0.8Max
0.5±0.3
201610A
2.0±0.2
1.60±0.2
1.0Max
0.5±0.3
252010A
2.5±0.3
2.00±0.3
1.0Max
0.6±0.3
252012A
2.5±0.3
2.00±0.3
1.2Max
0.6±0.3
322510A
3.2±0.3
2.50±0.3
1.0Max
0.5±0.3
322512A
3.2±0.3
2.50±0.3
1.2Max
0.5±0.3
322525A
3.2±0.3
2.50±0.3
2.50±0.3
0.5±0.3
Dimensions in mm
TYPE
A
B
C
160808A
0.7~0.8
1.8~2.0
0.8~1.1
201208A
0.8~1.2
2.3~2.9
1.0~1.45
201210A
0.8~1.2
2.3~2.9
1.0~1.45
201608A
0.7
2.3
1.8
201610A
0.7
2.3
1.8
252010A
1.2
2.8
2.3
252012A
1.2
2.8
2.3
322510A
1.7
3.5
2.8
322512A
1.7
3.5
2.8
322525A
1.7
3.5
2.8
Moiding power lnducto rs
LMI Series
L
Rev :
www.leiditech.com
01.06.2018
1/7
M


Similar Part No. - 201610A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
201610A ETC2-201610A Datasheet
371Kb / 9P
Molding Power Inductors
More results

Similar Description - 201610A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
logo
STMicroelectronics
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
logo
Shanghai Leiditech Elec...
LHCC LEIDITECH-LHCC Datasheet
1Mb / 6P
Moiding power lnducto rs
LHCD LEIDITECH-LHCD Datasheet
1Mb / 9P
Moiding power lnducto rs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com