Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IL062 Datasheet(PDF) 7 Page - Integral Corp.

Part # IL062
Description  Low Power J-FET DUAL OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IL062 Datasheet(HTML) 7 Page - Integral Corp.

  IL062 Datasheet HTML 1Page - Integral Corp. IL062 Datasheet HTML 2Page - Integral Corp. IL062 Datasheet HTML 3Page - Integral Corp. IL062 Datasheet HTML 4Page - Integral Corp. IL062 Datasheet HTML 5Page - Integral Corp. IL062 Datasheet HTML 6Page - Integral Corp. IL062 Datasheet HTML 7Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IL062
N SUFFIX PLASTIC DIP
(MS – 001BA)
Symbol
MIN
MAX
A
8.51
10.16
B
6.1
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
H
J
0°
10°
K
2.92
3.81
NOTES:
L
7.62
8.26
1. Dimensions “A”, “B” do not include mold flash or protrusions.
M
0.2
0.36
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
N
0.38
D SUFFIX SOIC
(MS - 012AA)
Symbol
MIN
MAX
A
4.8
5
B
3.8
4
C
1.35
1.75
D
0.33
0.51
F
0.4
1.27
G
H
J
0°
8°
NOTES:
K
0.1
0.25
1. Dimensions A and B do not include mold flash or protrusion.
M
0.19
0.25
2. Maximum mold flash or protrusion 0.15 mm (0.006) per side
P
5.8
6.2
for A; for B ‑ 0.25 mm (0.010) per side.
R
0.25
0.5
1.27
5.72
Dimension, mm
Dimension, mm
2.54
7.62
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
8
4
5
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
8
4
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com