Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD3SS212ZXHT Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS212ZXHT
Description  HD3SS212 5.4Gbps DisplayPort 1.2 2-to-1 Differential Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS212ZXHT Datasheet(HTML) 24 Page - Texas Instruments

Back Button HD3SS212ZXHT Datasheet HTML 18Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 19Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 20Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 21Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 22Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 23Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 24Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 25Page - Texas Instruments HD3SS212ZXHT Datasheet HTML 26Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints. Refer to Texas Instruments
Literature number SNVA009 (www.ti.com/lit/snva009).
EXAMPLE BOARD LAYOUT
4225133 /A 08/2019
www.ti.com
NFBGA - 1 mm max height
ZXH0048A
PLASTIC BALL GRID ARRAY
SYMM
SYMM
SOLDER MASK DETAILS
NOT TO SCALE
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
EXPOSED
METAL
SOLDER MASK
OPENING
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
(Ø 0.25)
METAL
EXPOSED
METAL
METAL UNDER
SOLDER MASK
(Ø 0.25)
SOLDER MASK
OPENING
(0.5) TYP
(0.5) TYP
A
B
C
D
E
F
1
2
3
4
5
6
LAND PATTERN EXAMPLE
SCALE: 20X
7
8
9
G
H
J
48X (Ø0.25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com