Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2631 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2631
Description  Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2631 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2631 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2631 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Transistor
2SC2631
Silicon NPN epitaxial planer type
For low-frequency high breakdown voltage amplification
Complementary to 2SA1123
s Features
q
Satisfactory linearity of forward current transfer ratio hFE.
q
High collector to emitter voltage VCEO.
q
Small collector output capacitance Cob.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Emitter
2:Collector
3:Base
JEDEC:TO–92
EIAJ:SC–43A
5.0
±0.2
4.0
±0.2
0.45
+0.2
–0.1
0.45
+0.2
–0.1
1.27
1.27
2.54
±0.15
2
13
Symbol
VCBO
VCEO
VEBO
ICP
IC
PC
Tj
Tstg
Ratings
150
150
5
100
50
750
150
–55 ~ +150
Unit
V
V
V
mA
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector cutoff current
Collector to emitter voltage
Emitter to base voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Collector output capacitance
Noise voltage
Symbol
ICBO
VCEO
VEBO
hFE
*
VCE(sat)
fT
Cob
NV
Conditions
VCB = 100V, IE = 0
IC = 0.1mA, IB = 0
IE = 10µA, IC = 0
VCE = 5V, IC = 10mA
IC = 30mA, IB = 3mA
VCB = 10V, IE = –10mA, f = 200MHz
VCB = 10V, IE = 0, f = 1MHz
VCE = 10V, IC = 1mA, GV = 80dB
Rg = 100kΩ, Function = FLAT
min
150
5
130
typ
160
150
max
1
330
1
3
300
Unit
µA
V
V
V
MHz
pF
mV
*h
FE Rank classification
Rank
R
S
hFE
130 ~ 220
185 ~ 330


Similar Part No. - 2SC2631

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2631 PANASONIC-2SC2631 Datasheet
36Kb / 2P
Silicon PNP epitaxial planer type
More results

Similar Description - 2SC2631

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2632 PANASONIC-2SC2632 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC4715 PANASONIC-2SC4715 Datasheet
34Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC5190 PANASONIC-2SC5190 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage high-frequency amplification)
2SC5346 PANASONIC-2SC5346 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency high breakdown voltage amplification)
2SC5363 PANASONIC-2SC5363 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-voltage high-frequency amplification)
2SD1030 PANASONIC-2SD1030 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency amplification)
2SD1821 PANASONIC-2SD1821 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD662 PANASONIC-2SD662 Datasheet
39Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage general amplification)
2SD814 PANASONIC-2SD814 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage low-frequency and low-noise amplification)
2SD958 PANASONIC-2SD958 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(For high breakdown voltage and low-noise amplification)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com