Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA43 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # MMBTA43
Description  NPN Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

MMBTA43 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  MMBTA43 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA43 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA43 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd. MMBTA43 Datasheet HTML 4Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA43
JINAN JINGHENG ELECTRONICS CO., LTD.
4-2
HTTP://WWW.JINGHENG.CN
ELECTRICAL CHARACTERISTICS(TA=25°C Unless otherwise specified)
AVAILABALE PACK INFORMATION
Product code
Quantity
(Pcs/reel)
Reel Size
(mm)
Quantity
(pcs/carton)
MMBTA43
3K
Φ180
30K
T/R
Pack
Quantity
(pcs/box)
120K
Symbol
Unit
Conditions
Min
Max
Collector-Emitter Breakdown Voltage
V(BR)CEO
Collector-Base Breakdown Voltage
V(BR)CBO
Emitter-Base Breakdown Voltage
V(BR)EBO
Collector cut-off Current
ICBO
Emitter cut-off Current
IEBO
Collector-Emitter Saturation Voltage
V
V
V
nA
nA
DC Current Gain
Output Capacitance
Current Gain-Bandwidth Product
VCE(sat)
VBE(sat)
Cob
fT
V
V
pF
MHZ
IC=1mA,IB=0
200
---
IC=100μA,IE=0
200
---
IE=10μA,IC=0
5
---
VCB=100V,IE=0
---
250
VEB=5V,Ic=0
---
100
IC=100mA,VCE=20V
IC=20mA,IB=2mA
---
0.50
IC=20mA,IB=2mA
---
VCB=20V,f=1.0MHZ,IE=0
50
f=30MHZ
IC=1mA,VCE=10V
---
40
Parameter
0.90
hFE(1)
---
4
hFE(3)
IC=30mA,VCE=10V
40
---
Base-Emitter Saturation Voltage
Pulse test:pulse width≤300us,duty cycle≤2.0%
IC=10mA,VCE=10V
40
---
hFE(2)
---



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com