Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK8902P Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK8902P
Description  80V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK8902P Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK8902P Datasheet HTML 1Page - First Silicon Co., Ltd FTK8902P Datasheet HTML 2Page - First Silicon Co., Ltd FTK8902P Datasheet HTML 3Page - First Silicon Co., Ltd FTK8902P Datasheet HTML 4Page - First Silicon Co., Ltd FTK8902P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
80V N-Channel MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
80
V
VGS
Gate-Sou
rce Voltage
± 20
V
ID
Drain Current – Continuous (TC=25℃)
120
A
Drain Current – Continuous (TC=100℃)
75
A
IDM
Drain Current – Pulsed1
480
A
EAS
Single Pulse Avalanche Energy2
230
mJ
IAS
Single Pulse Avalanche Current2
68
A
PD
Power Dissipation (TC=25℃)
183
W
Power Dissipation – Derate above 25℃
1.47
W/℃
TSTG
Storage Temperature Range
-50 to 150
℃
TJ
Operating Junction Temperature Range
-50 to 150
℃
BVDSS
RDSON
ID
80V
8.5m
Ω
120A
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction to ambient
---
62
℃/W
RθJC
Thermal Resistance Junction to Case
---
0.68
℃/W
These N-Channel enhancement mode power field effect
transistors are using trench DMOS technology. This
advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are
well suited for high efficiency fast switching applications.
 80V,120A, RDS(ON) =8.5m
Ω@VGS = 10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Applications
Thermal Characteristics
TO-220 Pin Configuration
D
G
S
 Networking
 Load Switch
 LED applications
Absolute Maximum Ratings (Tc=25℃ unless otherwise noted)
1. Gate
2. Drain
3. Source
1
3
2
SEMICONDUCTOR
TECHNICAL DATA
FTK8902P
2019. 04. 10
1/5
Revision No : 0


Similar Part No. - FTK8902P

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK8966A FS-FTK8966A Datasheet
1,014Kb / 5P
80V N-Channel MOSFETs
FTK8966D FS-FTK8966D Datasheet
884Kb / 5P
80V N-Channel MOSFETs
FTK8970P FS-FTK8970P Datasheet
921Kb / 5P
80V N-Channel MOSFETs
FTK8974DFN56 FS-FTK8974DFN56 Datasheet
1Mb / 5P
80V N-Channel MOSFETs
FTK8974P FS-FTK8974P Datasheet
1Mb / 5P
8 0V N-Channel MOSFETs
More results

Similar Description - FTK8902P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75542P3 FAIRCHILD-HUF75542P3 Datasheet
192Kb / 9P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
HUFA75542P3 FAIRCHILD-HUFA75542P3 Datasheet
202Kb / 10P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75542P3 INTERSIL-HUF75542P3 Datasheet
166Kb / 11P
75A, 80V, 0.014 Ohm, N-Channel, UltraFET Power MOSFETs
June 2000
logo
Texas Instruments
CSD19506KCS TI1-CSD19506KCS Datasheet
476Kb / 10P
80V N-Channel NexFET Power MOSFETs
logo
First Silicon Co., Ltd
FTK8966D FS-FTK8966D Datasheet
884Kb / 5P
80V N-Channel MOSFETs
FTK8974DFN56 FS-FTK8974DFN56 Datasheet
1Mb / 5P
80V N-Channel MOSFETs
FTK8966A FS-FTK8966A Datasheet
1,014Kb / 5P
80V N-Channel MOSFETs
FTK8970P FS-FTK8970P Datasheet
921Kb / 5P
80V N-Channel MOSFETs
logo
FETek Technology Corp.
FKBA8024A FETEK-FKBA8024A Datasheet
592Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
FKP8016 FETEK-FKP8016 Datasheet
670Kb / 4P
N-Ch 80V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com