Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTK8974P Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK8974P
Description  8 0V N-Channel MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK8974P Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK8974P Datasheet HTML 1Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 2Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 3Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 4Page - First Silicon Co., Ltd FTK8974P Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
80V N-Channel MOSFETs
2018. 06. 25
3/5
Revision No : 0
FTK8974P
Fig.1 Continuous Drain Current vs. TC
Fig.2 Normalized RDSON vs. TJ
Fig.3 Normalized Vth vs. TJ
Fig.4 Gate Charge Characteristics
Fig.5 Normalized Transient Impedance
Fig.6 Maximum Safe Operation Area
TC , Case Temperature (℃)
TJ , Junction Temperature (℃)
TJ , Junction Temperature (℃)
Qg , Gate Charge (nC)
VDS , Drain to Source Voltage (V)
Square Wave Pulse Duration (s)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com