Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTV05BT Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTV05BT
Description  Transient Voltage Suppressors for ESD Protection
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV05BT Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTV05BT Datasheet HTML 1Page - First Silicon Co., Ltd FTV05BT Datasheet HTML 2Page - First Silicon Co., Ltd FTV05BT Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FTV05BT
SEMICONDUCTOR
TECHNICAL DATA
TVS Diode for ESD Protection
2012. 09. 04
1/3
Revision No : 2
Transient Voltage Suppressors for ESD Protection
General Description
The FTV5.0B is designed to protect voltage
sensitive components from ESD and transient voltage
events. Excellent clamping capability, low leakage, and
fast response time, make these parts ideal for ESD
protection on designs where board space is at a
premium. Because of its small size, it is suited for use
in cellular phones, MP3 players, digital cameras and
many other portable applications where board space is
at a premium.
Applications
Cellular phones
Portable devices
Digital cameras
Power supplies
Features
Small Body Outline Dimensions
Low Body Height
Peak Power up to 150 Watts @ 8 x 20us Pulse
Low Leakage current
Response Time is Typically < 1 ns
ESD Rating of Class 3 (> 16 kV) per Human Body Model
IEC61000
−4−2 Level 4 ESD Protection
IEC61000
−4−4 Level 4 EFT Protection
SOD-923
Absolute Ratings (Tamb=25°C )
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp= 8/20us)
150
W
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Storage Temperature Range
-55 to +155
°C
Top
Operating Temperature Range
-40 to +125
°C
Tj
Maximum junction temperature
150
°C
IEC61000-4-2 (ESD)
air discharge
±15
KV
contact discharge
±8
IEC61000-4-4 (EFT)
40
A
ESD Voltage
Per Human Body Model
16
KV
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - FTV05BT

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05BT FS-FTV05BT Datasheet
220Kb / 3P
Transient Voltage Suppressors for ESD Protection
More results

Similar Description - FTV05BT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD5Z7.0T1G LRC-LESD5Z7.0T1G Datasheet
596Kb / 6P
Transient Voltage Suppressors for ESD Protection
LESD9D3.3CT5G LRC-LESD9D3.3CT5G Datasheet
408Kb / 5P
Transient Voltage Suppressors for ESD Protection
logo
WILLAS ELECTRONIC CORP
ESDA6V1W6 WILLAS-ESDA6V1W6 Datasheet
273Kb / 3P
Transient Voltage Suppressors for ESD Protection
SESDBV5V0WB WILLAS-SESDBV5V0WB Datasheet
321Kb / 2P
Transient Voltage Suppressors for ESD Protection
SESDL5V0WB WILLAS-SESDL5V0WB Datasheet
280Kb / 2P
Transient Voltage Suppressors for ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z12 AITSEMI-ESD3Z12 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD9D3.3C AITSEMI-ESD9D3.3C Datasheet
456Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
TVS16H5.0 AITSEMI-TVS16H5.0 Datasheet
387Kb / 5P
ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com