Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HCS138 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS138
Description  SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS138 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HCS138 Datasheet HTML 1Page - Texas Instruments SN74HCS138 Datasheet HTML 2Page - Texas Instruments SN74HCS138 Datasheet HTML 3Page - Texas Instruments SN74HCS138 Datasheet HTML 4Page - Texas Instruments SN74HCS138 Datasheet HTML 5Page - Texas Instruments SN74HCS138 Datasheet HTML 6Page - Texas Instruments SN74HCS138 Datasheet HTML 7Page - Texas Instruments SN74HCS138 Datasheet HTML 8Page - Texas Instruments SN74HCS138 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with
Schmitt-Trigger Inputs
1 Features
• AEC-Q100 Qualified for automotive applications:
– Device temperature grade 1:
–40°C to +125°C, TA
– Device HBM ESD Classification Level 2
– Device CDM ESD Classifcation Level C6
• Wide operating voltage range: 2 V to 6 V
• Schmitt-trigger inputs allow for slow or noisy input
signals
• Low power consumption
– Typical ICC of 100 nA
– Typical input leakage current of ±100 nA
• ±7.8-mA output drive at 6 V
2 Applications
• Memory device selection with shared data bus
• Reduce required number of outputs for chip select
applications
• Route data
3 Description
The SN74HCS138-Q1 is a three to eight decoder with
one standard output strobe (G2) and two active low
output strobes (G 1 and G 0). When the outputs are
gated by any of the strobe inputs, they are all forced
into the high state. When the outputs are not disabled
by the strobe inputs, only the selected output is low
while all others are high.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN74HCS138PW-Q1
TSSOP (16)
5.00 mm × 4.40 mm
SN74HCS138D-Q1
SOIC (16)
9.90 mm × 3.90 mm
SN74HCS138BQB-Q1 WQFN (16)
3.50 mm × 2.50 mm
SN74HCS138DYY-
Q1(2)
SOT-23-THN (16) 4.20 mm × 2.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Package is in Preview.
Input Voltage
Schmitt-trigger
CMOS Input
Response
Waveforms
Standard
CMOS Input
Response
Waveforms
Input Voltage
Input Voltage
Time
Time
Input Voltage
Waveforms
Low Power
Noise Rejection
Supports Slow Inputs
Time
Time
Time
Time
Benefits of Schmitt-trigger inputs
www.ti.com
SN74HCS138-Q1
SCLS811B – SEPTEMBER 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: SN74HCS138-Q1
SN74HCS138-Q1
SCLS811B – SEPTEMBER 2020 – REVISED MARCH 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - SN74HCS138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS138 TI-SN74HCS138 Datasheet
667Kb / 19P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
1Mb / 25P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
1Mb / 24P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
2Mb / 33P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138 Datasheet
2Mb / 33P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
More results

Similar Description - SN74HCS138

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS138 TI-SN74HCS138 Datasheet
667Kb / 19P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1 Datasheet
668Kb / 18P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238-Q1 TI-SN74HCS238-Q1 Datasheet
661Kb / 17P
SN74HCS238-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138_V01 Datasheet
1Mb / 25P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V01 Datasheet
1Mb / 24P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238-Q1 TI-SN74HCS238-Q1_V01 Datasheet
1Mb / 23P
SN74HCS238-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V03 Datasheet
2Mb / 33P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS238-Q1 TI-SN74HCS238-Q1_V02 Datasheet
2Mb / 32P
SN74HCS238-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138 TI-SN74HCS138_V02 Datasheet
2Mb / 33P
SN74HCS138 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
SN74HCS138-Q1 TI-SN74HCS138-Q1_V04 Datasheet
2Mb / 37P
SN74HCS138-Q1 Automotive Qualified 3- to 8-Line Decoder/Demultiplexer with Schmitt-Trigger Inputs
DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com