| Electronic Components Datasheet Search |
|
STI5500 Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STI5500 Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 11 page ![]() CO NFI DE NTI AL The ST20 arbitor can make two types of requests into SDRAM, a single word access (32-bits) or a burst access of 4 x 32-bit words. The following table summerizes the different types of accesses by source and destination (see Table 1). Data is moved around the device using a number of general purpose DMA engines which are kicked off by the CPU at a certain address and are then autonomous. In a typical application data will arrive via the front-end interface (a transport stream in a set-top application or a program / sector stream in a DVD application (see Table 1). The link interface has a built in programmable DMA multichannel engine which can be used to direct the data to any memory or memory mapped periph- eral. In the case of a set-top application a DMA destination can be defined for each pid so for audio/video (PES) data this destination would be the compressed data FIFOs which are mapped into the ST20 memory system at specific addresses. For program specific information (EPG etc) this data my be sent to an external buffer in SDRAM or a memory on the external ST20 EMI. In a DVD system the incoming sector stream data would be sent, using the DMA in the front end interface to a track buffer which could be either in external DRAM off the ST20 EMI or in shared SDRAM. This is automatic and needs no CPU intervention appart from an initial configuration. The track buffer is then parsed in software and two general purpose DMAs can be used to transfer blocks of data from the track buffer to the com- pressed data FIFOs to be decoded. In a set-top box application a transport stream can be split by pid into many component streams. The video/audio streams would be directly sent to the CD fifos using a non-incremental DMA transfer. Other streams such as EPG data can be stored as a circular buffer in another memory space using an incremental DMA. III - INTERNAL CIRCUIT DESCRIPTION (continued) Table 1 Source SMI/SDRAM ST20 EMI Internal SRAM Compressed Data/Reg. Port CPU Single Word Single Word Single Word Single Word Caches Burst Burst Single Word n/a Link Interface Burst/Single Burst/Single Single Single DMA Engines Single Single Single Single Video Decoder Large Bursts n/a n/a n/a Audio Decoder Large Bursts n/a n/a n/a STi5500 10/11 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |