Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2636 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC2636
Description  Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC2636 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC2636 Datasheet HTML 1Page - Panasonic Semiconductor 2SC2636 Datasheet HTML 2Page - Panasonic Semiconductor 2SC2636 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transistor
2SC2636
Silicon NPN epitaxial planer type
For high-frequency amplification/oscillation
s Features
q
High transition frequency fT.
q
M type package allowing easy automatic and manual insertion as
well as stand-alone fixing to the printed circuit board.
s Absolute Maximum Ratings (Ta=25˚C)
Unit: mm
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
1:Base
2:Collector
EIAJ:SC–71
3:Emitter
M Type Mold Package
6.9
±0.1
0.55
±0.1
0.45
±0.05
2.5
±0.1
1.0
1.5
1.5 R0.9
R0.9
0.85
2.5
2.5
1
2
3
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Ratings
30
20
3
50
400
150
–55 ~ +150
Unit
V
V
V
mA
mW
˚C
˚C
s Electrical Characteristics (Ta=25˚C)
Parameter
Collector to base voltage
Emitter to base voltage
Forward current transfer ratio
Base to emitter voltage
Transition frequency
Power gain
Common base reverse transfer capacitance
Common emitter reverse transfer capacitance
Base time constant
Symbol
VCBO
VEBO
hFE
VBE
fT
*
PG
Crb
Cre
rbb' · CC
Conditions
IC = 100µA, IE = 0
IE = 10µA, IC = 0
VCB = 10V, IE = –2mA
VCB = 10V, IE = –2mA
VCB = 10V, IE = –15mA, f = 200MHz
VCB = 10V, IE = –1mA, f = 100MHz
VCB = 6V, IE = 0, f = 1MHz
VCE = 10V, IC = 1mA, f = 10.7MHz
VCB = 10V, IE = –10mA, f = 31.9MHz
min
30
3
25
600
typ
720
1200
20
0.8
max
1600
1.5
25
Unit
V
V
mV
MHz
dB
pF
pF
ps
*f
T Rank classification
Rank
T
S
fT
600 ~ 1300
900 ~ 1600


Similar Part No. - 2SC2636

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2636 PANASONIC-2SC2636 Datasheet
209Kb / 5P
SI NPN EPITAXIAL PLANAR
More results

Similar Description - 2SC2636

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC2295 PANASONIC-2SC2295 Datasheet
51Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC2480 PANASONIC-2SC2480 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3130 PANASONIC-2SC3130 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3354 PANASONIC-2SC3354 Datasheet
45Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC3932 PANASONIC-2SC3932 Datasheet
74Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification / oscillation / mixing)
2SC3935 PANASONIC-2SC3935 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC4627 PANASONIC-2SC4627 Datasheet
57Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4655 PANASONIC-2SC4655 Datasheet
55Kb / 3P
Silicon NPN epitaxial planer type(For high-frequency amplification)
2SC4809 PANASONIC-2SC4809 Datasheet
36Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
2SC5216 PANASONIC-2SC5216 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type(For high-frequency amplification/oscillation/mixing)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com