Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTV05LSBUL2 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTV05LSBUL2
Description  ESD Protection Diodes with Ultra Low Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV05LSBUL2 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTV05LSBUL2 Datasheet HTML 1Page - First Silicon Co., Ltd FTV05LSBUL2 Datasheet HTML 2Page - First Silicon Co., Ltd FTV05LSBUL2 Datasheet HTML 3Page - First Silicon Co., Ltd FTV05LSBUL2 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ESD Protection Diodes with Ultra Low Capacitance
Ordering information
Marking
10000/Tape&Reel
PS
FTV05LSBUL2
Device
Shipping
The FTV05LSBUL2 is designed to protect voltage sensitive components
that require ultra−low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high speed
and antenna line applications.
SOD-882
1
2
Specification Features:
• Ultra Low Capacitance 0.4 pF
• Low Clamping Voltage
• Stand−off Voltage: 5 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000−4−2 Level 4 ESD Protection
• This is a Pb−Free Device
• Small Body Outline Dimensions: 1.00 mm x 0.60 mm
• Low Body Height: 0.5 mm
Mechanical Characteristics:
CASE: Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH: 100% Matte Sn (Tin)
Device Meets MSL 1 Requirements
Qualified max Reflow Temperature: 260°C
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±8
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25°C
°PD°
150
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +125
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
°C
°C
SEMICONDUCTOR
TECHNICAL DATA
FTV05LSBUL2
2019. 05. 14
1/4
Revision No : 0
2
1


Similar Part No. - FTV05LSBUL2

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV05L-04 FS-FTV05L-04 Datasheet
575Kb / 6P
U ni-direction ESD Protection Array
FTV05LBE FS-FTV05LBE Datasheet
713Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
FTV05LBUL2 FS-FTV05LBUL2 Datasheet
274Kb / 4P
ESD Protection Diodes with Ultra Low Capacitance
FTV05LFBUL2 FS-FTV05LFBUL2 Datasheet
297Kb / 4P
ESD Protection Diodes with Ultra Low Capacitance
FTV05LHBUL2 FS-FTV05LHBUL2 Datasheet
325Kb / 4P
ESD Protection Diodes with Ultra Low Capacitance
More results

Similar Description - FTV05LSBUL2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LESD8L5.0CT5G LRC-LESD8L5.0CT5G Datasheet
556Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8L5.0N3T5G LRC-LESD8L5.0N3T5G Datasheet
738Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8LF5.0CT5G LRC-LESD8LF5.0CT5G Datasheet
153Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8LF5.0N3T5G LRC-LESD8LF5.0N3T5G Datasheet
188Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8LH5.0CN3T5G LRC-LESD8LH5.0CN3T5G Datasheet
229Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD8LH5.0CT5G LRC-LESD8LH5.0CT5G Datasheet
223Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD9L5.0CT5G LRC-LESD9L5.0CT5G Datasheet
453Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
LESD9L5.0T5G LRC-LESD9L5.0T5G Datasheet
627Kb / 4P
ESD Protection Diodes with Ultra-Low Capacitance
logo
First Silicon Co., Ltd
FTV05LBUL2 FS-FTV05LBUL2 Datasheet
274Kb / 4P
ESD Protection Diodes with Ultra Low Capacitance
FTV05LFBUL2 FS-FTV05LFBUL2 Datasheet
297Kb / 4P
ESD Protection Diodes with Ultra Low Capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com