Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FTV10BLDFN0603 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTV10BLDFN0603
Description  ESD Protection Diodes with Ultra?묹ow Capacitance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTV10BLDFN0603 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTV10BLDFN0603 Datasheet HTML 1Page - First Silicon Co., Ltd FTV10BLDFN0603 Datasheet HTML 2Page - First Silicon Co., Ltd FTV10BLDFN0603 Datasheet HTML 3Page - First Silicon Co., Ltd FTV10BLDFN0603 Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SEMICONDUCTOR
TECHNICAL DATA
2015. 12. 10
1/4
Revision No : 0
FTV10BLDFN0603
General Description
ESD Protection Diodes with Ultra
−Low Capacitance
The FTV10BL is designed to protect voltage sensitive components that
require ultra low capacitance from ESD and transient voltage events.
Excellent clamping capability, low capacitance, low leakage, and fast
response time, make these parts ideal for ESD protection on designs
where board space is at a premium. Because of its low capacitance, it is
suited for use in high frequency designs such as USB 2.0 high speed and
antenna line applications.
Specification Features:
• Ultra Low Capacitance 1.5 pF
• Low Clamping Voltage
• Small Body Outline Dimensions: (0.61mm x 0.31mm)
• Low Body Height:0.28 mm
• Stand−off Voltage: 10 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000−4−2 Level 4 ESD Protection
• This is a Pb Free Device
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic
Epoxy Meets UL 94 V−0
LEAD FINISH:
100% Matte Sn (Tin)
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IEC 61000−4−2 (ESD)
Contact
Air
±10
±15
kV
Total Power Dissipation on FR−5 Board
(Note 1) @ TA = 25
°C
PD
200
mW
Storage Temperature Range
Tstg
−55 to +150
°C
Junction Temperature Range
TJ
−55 to +150
°C
Lead Solder Temperature− Maximum
(10 Second Duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−5 = 1.0 x 0.75 x 0.62 in.
FTV10BLDFN0603
M
15000/Tape&Reel
Device
Marking
Shipping
2
1
DFN0603
PIN 1
M = Month Code
M
M = Specific Device Code


Similar Part No. - FTV10BLDFN0603

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTV10BLUL2 FS-FTV10BLUL2 Datasheet
503Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
More results

Similar Description - FTV10BLDFN0603

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SESD5L5.0T1 WILLAS-SESD5L5.0T1 Datasheet
363Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
SESD9L5.0T5 WILLAS-SESD9L5.0T5 Datasheet
280Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3T1G LRC-LESD5L3.3T1G Datasheet
560Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD5L5.0T1G LRC-LESD5L5.0T1G Datasheet
334Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3CT5G LRC-LESD9L3.3CT5G Datasheet
475Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
LESD9L3.3T5G LRC-LESD9L3.3T5G Datasheet
489Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Socay Electornics Co., ...
ESD11D05VLH-C SOCAY-ESD11D05VLH-C Datasheet
578Kb / 3P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
Leshan Radio Company
LESD5L3.3CT1G LRC-LESD5L3.3CT1G Datasheet
283Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
logo
First Silicon Co., Ltd
FTV05LUSOT883 FS-FTV05LUSOT883 Datasheet
461Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
FTV10BLUL2 FS-FTV10BLUL2 Datasheet
503Kb / 4P
ESD Protection Diodes with Ultra?묹ow Capacitance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com