Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2E5-150LSMD Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SC2E5-150LSMD
Description  Surface Mount 2-Electrode Gas Discharge Tube (GDT)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SC2E5-150LSMD Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SC2E5-150LSMD Datasheet HTML 1Page - Socay Electornics Co., Ltd. SC2E5-150LSMD Datasheet HTML 2Page - Socay Electornics Co., Ltd. SC2E5-150LSMD Datasheet HTML 3Page - Socay Electornics Co., Ltd. SC2E5-150LSMD Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface Mount 2-Electrode Gas Discharge Tube (GDT)
Revision January 4, 2019
4 / 4
@SOCAY Electronics Corp., Ltd. 2019
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SC2E5-SMD Series
SOCAY Electronics Corp., Ltd.
www.socay.com
Part Number
Packaging Option
Quantity
SC2E5-XXXLSMD
Tape & Reel -16mm tape/13″Reel
1000 PCS
Gas discharge tubes (GDT) must not be operated directly in power supply networks.
Gas discharge tubes (GDT) may become hot in case of longer periods of current stress (danger of burning).
Gas discharge tubes (GDT) may be used only within their specified values. In the event of overload, the head contacts may
fail or the component may be destroyed.
Damaged Gas discharge tubes (GDT) must not be re-used.
Part Numbering
S C 2 E 5 – X X X L S M D
SMD,
Surface Mount
8/20μs Level
L, 5KA
Nominal DC Spark-over Voltage
90 = 90V
300=300V
600=600V
150 = 150V
350=350V
200 = 200V
420=420V
230 = 230V
470=470V
Series
VR VOLTAGE
SERIES
Tape and Reel Dimensions
(Unit: mm)
Cautions and Warnings
Packaging



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com