Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS-61270W-C2-R0 Datasheet(PDF) 1 Page - Advanced Thermal Solutions, Inc.

Part # ATS-61270W-C2-R0
Description  27.00 x 27.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATS2 [Advanced Thermal Solutions, Inc.]
Direct Link  https://www.qats.com/
Logo ATS2 - Advanced Thermal Solutions, Inc.

ATS-61270W-C2-R0 Datasheet(HTML) 1 Page - Advanced Thermal Solutions, Inc.

  ATS-61270W-C2-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BGA Heat Sink - High Performance fanSINK™
with maxiGRIP™ Attachment
REV2_1118
» X-Cut straightFIN heatsink fins offer omnidirectional air flow for optimum thermal performance independent of PCB lay-out
» Stainless steel screw fan attachment ensures dependable long-term fan to heat sink assembly. 4-40 thread screws are
supplied in 2 lengths (1", 1 1/8"). Contact ATS for custom options.
» Product hole pattern is 20 mm C-C (center to center)
» Component Attachment: ATS maxiGRIP™ is a proven high reliability mechanical attachment system
» Meets Telecordia GR-63-Core Office Vibration; ETSI 300 019 Transportation Vibration; and MIL-STD-810 Shock
Testing and Unpackaged Drop Testing Standards
» maxiGRIP™ hardware includes a high performance plastic frame clip and 300 Series stainless steel spring
clip-avoiding PCB through holes
» Provided with pre-assembled Thermal Interface Material (TIM) centered on base
» “Keep-Out” Requirements: An “Un-Populated” boarder zone of 5mm around the component is necessary to
facilitate the installation/removal of the maxiGRIP™. Please refer to the maxiGRIP™ Keep-Out Guidelines and
Installation/Removal Instructions for further details
ATS Part#:
Description:
Heat Sink Type:
Heat Sink Attachment:
Equivalent Part Number:
NOTES:
1)
independently sourced.
2)
Dimension A and B refer to component size.
3)
4)
Thermal performance data are provided for reference only. Actual performance may vary by
application.
5)
ATS reserves the right to update or change its products without notice to improve the design or
performance.
6)
A
7)
Contact ATS to learn about custom options available.
For further technical information, please contact Advanced Thermal Solutions, Inc.
89-27 ACCESS ROAD, NORWOOD, MA 02062 USA | T: 781.769. 2800 F: 781.769.9979 | WWW.QATS.COM
E
F
*All Images are for illustration purposes only.
Product Details
SCHEMATIC IMAGE
Dimension A Dimension B Dimension C Dimension D
TIM
Finish
Thermal Performance
Suggested Fan (Not Included)
AIR VELOCITY
@200 LFM
1.0 M/S
@300 LFM
1.5 M/S
@400 LFM
2.0 M/S
@500 LFM
2.5 M/S
@600 LFM
3.0 M/S
@700 LFM
3.5 M/S
@800 LFM
4.0 M/S
THERMAL RESISTANCE
Unducted Flow
Ducted Flow
Manufacturer
Part #
Voltage
Dimensions (mm)
L x H X W
ATS-61270W-C2-R0
27.00 x 27.00 x 24.50 mm BGA Heat Sink - High Performance
fanSINK™ with maxiGRIP™ Attachment
fanSINK
maxiGRIP
N/A
1.90
N/A
N/A
N/A
N/A
N/A
N/A
0.00
N/A
N/A
N/A
N/A
N/A
N/A
26.25
26.25
24.5
15
Chomerics T412
Black
Sunon
MC25060V1-000U-A99
5VDC
25 x 25 x 6.9
3.0 CFM (0.084m³/min)
Sunon
MC25101V1-000U-A99
12VDC
25 x 25 x 10
3.5 CFM (0.098m³/min)


Similar Part No. - ATS-61270W-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61270W-C1-R0 ATS-ATS-61270W-C1-R0 Datasheet
2Mb / 1P
ATS fanSINKTM with maxiGRIPTM Attachment
REV1_0908
ATS-61270W-C1-R0 ATS-ATS-61270W-C1-R0_17 Datasheet
304Kb / 1P
X-Cut straight fin heat sink fins offer omnidirectional air flow
REV4_0516
More results

Similar Description - ATS-61270W-C2-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-61290D-C1-R0 ATS-ATS-61290D-C1-R0 Datasheet
2Mb / 1P
ATS fanSINK with maxiGRIP Attachment
REV1_0908
ATS-53375K-C1-R0 ATS-ATS-53375K-C1-R0 Datasheet
267Kb / 1P
37.50 x 37.50 x 14.50 mm BGA Heat Sink - High Performance Straight Fin
Rev - 040517
ATS-53210D-C1-R0 ATS2-ATS-53210D-C1-R0 Datasheet
265Kb / 1P
21.00 x 21.00 x 9.50 mm BGA Heat Sink - High Performance Straight Fin w/maxiGRIP
ATS-61300W-C2-R0 ATS2-ATS-61300W-C2-R0 Datasheet
1Mb / 1P
30.00 x 30.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61325W-C2-R0 ATS2-ATS-61325W-C2-R0 Datasheet
1Mb / 1P
32.00 x 32.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61330W-C2-R0 ATS2-ATS-61330W-C2-R0 Datasheet
1Mb / 1P
33.00 x 33.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61350W-C2-R0 ATS2-ATS-61350W-C2-R0 Datasheet
1Mb / 1P
35.00 x 35.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61375W-C2-R0 ATS2-ATS-61375W-C2-R0 Datasheet
1Mb / 1P
37.00 x 37.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61400W-C2-R0 ATS2-ATS-61400W-C2-R0 Datasheet
1Mb / 1P
40.00 x 40.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
ATS-61450W-C2-R0 ATS2-ATS-61450W-C2-R0 Datasheet
1Mb / 1P
45.00 x 45.00 x 24.50 mm BGA Heat Sink - High Performance fanSINK??with maxiGRIP??Attachment
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com