Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCE60P65K Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LCE60P65K
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LCE60P65K Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LCE60P65K Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE60P65K Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE60P65K Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE60P65K Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE60P65K Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LCE60P65K Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Thermal Characteristic
Thermal Resistance, Junction-to-Case
(Note 2)
RθJC
1.15
/W
℃
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-60
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-2.0
-2.6
-3.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-20A
-
13
18
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-20A
-
25
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
5814
-
PF
Output Capacitance
Coss
-
483
-
PF
Reverse Transfer Capacitance
Crss
VDS=-25V,VGS=0V,
F=1.0MHz
-
234
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
18
-
nS
Turn-on Rise Time
tr
-
20
-
nS
Turn-Off Delay Time
td(off)
-
55
-
nS
Turn-Off Fall Time
tf
VDD=-30V, RL=1.5Ω,
VGS=-10V,RG=3Ω
-
35
-
nS
Total Gate Charge
Qg
-
75
nC
Gate-Source Charge
Qgs
-
16
nC
Gate-Drain Charge
Qgd
VDS=-30,ID=-20A,
VGS=-10V
-
19
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-20A
-
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-65
A
Reverse Recovery Time
trr
-
49
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF =-20A
di/dt = -100A/μs
(Note3)
-
71
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
5.
EAS condition: Tj=25℃,VDD=-30V,VG=-10V,L=0.5mH,Rg=25Ω
LCE60P65K
Rev :
www.leiditech.com
01.06.2018
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com