Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3134KT Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3134KT
Description  N-Channel Enhancement Mode Fidld Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3134KT Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3134KT Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3134KT Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3134KT Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3134KT Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Summary
● VDS
20V
● ID
0.75A
● RDS(ON)( at VGS=4.5V)
<
250 mohm
● RDS(ON)( at VGS=2.5V)
<
350 mohm
● ESD Protected Up to 3.0KV (HBM)
General Description
● Trench Power LV MOSFET technology
Applications
● Load/Power Switching
● Interfacing Switching
● Logic Level Shift
■
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-source Voltage
VDS
20
V
Gate-source Voltage
VGS
±
12
V
Drain Current
TA=25℃ @ Steady State
ID
0.75
A
TA=70℃ @ Steady State
0.6
Pulsed Drain Current A
IDM
3.0
A
Total Power Dissipation @ TA=25℃
PD
0.15
W
Thermal Resistance Junction-to-Ambient @ Steady State
RθJA
833
℃/
W
Junction and Storage Temperature Range
TJ ,TSTG
-55~+150
℃
■
Ordering Information (Example)
PREFERED P/N
PACKING
CODE
Marking
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs) DELIVERY MODE
LM3134KT
KF
8000
7“ reel
Enhancement Mode Fidld Effect Transistor
N-Channel
LM3134KT
Rev :
www.leiditech.com
01.06.2018
1/4
Moisture Sensitivity: Level 3 per J-STD-020
● High Power and current handing capability
●


Similar Part No. - LM3134KT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM313 NSC-LM313 Datasheet
126Kb / 4P
Reference Diode
logo
Texas Instruments
LM313 TI1-LM313 Datasheet
293Kb / 10P
Reference Diode
logo
Connor-Winfield Corpora...
LM313-155.52M CONNOR-WINFIELD-LM313-155.52M Datasheet
138Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Shanghai Leiditech Elec...
LM3139 LEIDITECH-LM3139 Datasheet
812Kb / 6P
P-Channel 1.8-V (G-S) MOSFET
logo
National Semiconductor ...
LM313H NSC-LM313H Datasheet
126Kb / 4P
Reference Diode
More results

Similar Description - LM3134KT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
Unisonic Technologies
UT40N04 UTC-UT40N04 Datasheet
129Kb / 3P
N-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIDLD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com