Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMUX7308F Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX7308F
Description  TMUX730xF 짹60-V Fault-Protected, 8:1 and Dual 4:1 Multiplexers with 1.8-V Logic
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7308F Datasheet(HTML) 2 Page - Texas Instruments

  TMUX7308F Datasheet HTML 1Page - Texas Instruments TMUX7308F Datasheet HTML 2Page - Texas Instruments TMUX7308F Datasheet HTML 3Page - Texas Instruments TMUX7308F Datasheet HTML 4Page - Texas Instruments TMUX7308F Datasheet HTML 5Page - Texas Instruments TMUX7308F Datasheet HTML 6Page - Texas Instruments TMUX7308F Datasheet HTML 7Page - Texas Instruments TMUX7308F Datasheet HTML 8Page - Texas Instruments TMUX7308F Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Absolute Maximum Ratings .......................................... 5
7 ESD Ratings .................................................................... 6
8 Thermal Information .......................................................7
9 Recommended Operating Conditions .......................... 8
10 Electrical Characteristics (Global) .............................. 9
11 ±15 V Dual Supply: Electrical Characteristics ......... 10
12 ±20 V Dual Supply: Electrical Characteristics ......... 13
13 12 V Single Supply: Electrical Characteristics ........ 16
14 Parameter Measurement Information........................ 19
14.1 Truth Tables............................................................ 19
14.2 On-Resistance........................................................ 20
14.3 Off-Leakage Current............................................... 20
14.4 On-Leakage Current............................................... 21
14.5 Break-Before-Make Delay.......................................21
14.6 Enable Delay Time..................................................22
14.7 Transition Time....................................................... 22
14.8 Charge Injection......................................................23
14.9 Crosstalk................................................................. 24
14.10 Bandwidth............................................................. 25
15 Detailed Description....................................................26
15.1 Overview................................................................. 26
15.2 Functional Block Diagram....................................... 26
15.3 Feature Description.................................................26
15.4 Device Functional Modes........................................28
16 Application and Implementation................................ 29
16.1 Application Information........................................... 29
16.2 Typical Application.................................................. 29
17 Power Supply Recommendations..............................30
18 Layout...........................................................................31
18.1 Layout Guidelines................................................... 31
18.2 Layout Example...................................................... 31
19 Device and Documentation Support..........................32
19.1 Documentation Support.......................................... 32
19.2 Receiving Notification of Documentation Updates..32
19.3 Support Resources................................................. 32
19.4 Trademarks.............................................................32
19.5 Electrostatic Discharge Caution..............................32
19.6 Glossary..................................................................32
20 Mechanical, Packaging, and Orderable
Information.................................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2021
*
Initial Release
TMUX7308F, TMUX7309F
SCDS403 – FEBRUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMUX7308F TMUX7309F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com