Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4674 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4674
Description  Filterless 2.5W Stereo Class D Audio Power Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4674 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4674 Datasheet HTML 1Page - National Semiconductor (TI) LM4674 Datasheet HTML 2Page - National Semiconductor (TI) LM4674 Datasheet HTML 3Page - National Semiconductor (TI) LM4674 Datasheet HTML 4Page - National Semiconductor (TI) LM4674 Datasheet HTML 5Page - National Semiconductor (TI) LM4674 Datasheet HTML 6Page - National Semiconductor (TI) LM4674 Datasheet HTML 7Page - National Semiconductor (TI) LM4674 Datasheet HTML 8Page - National Semiconductor (TI) LM4674 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4674
Filterless 2.5W Stereo Class D Audio Power Amplifier
General Description
The LM4674 is a single supply, high efficiency, 2.5W/
channel, filterless switching audio amplifier. A low noise
PWM architecture eliminates the output filter, reducing ex-
ternal component count, board area consumption, system
cost, and simplifying design.
The LM4674 is designed to meet the demands of mobile
phones and other portable communication devices. Operat-
ing from a single 5V supply, the device is capable of deliv-
ering 2.5W/channel of continuous output power to a 4
Ω load
with less than 10% THD+N. Flexible power supply require-
ments allow operation from 2.4V to 5.5V.
The LM4674 features high efficiency compared to conven-
tional Class AB amplifiers. When driving and 8
Ω speaker
from a 3.6V supply, the device features 85% efficiency at P
O
= 500mW. Four gain options are pin selectable through the
GAIN0 and GAIN1 pins.
Output short circuit protection prevents the device from be-
ing damaged during fault conditions. Superior click and pop
suppression eliminates audible transients on power-up/down
and during shutdown. Independent left/right shutdown con-
trols maximizes power savings in mixed mono/stereo appli-
cations.
Key Specifications
j Efficiency at 3.6V, 100mW into 8
Ω
80% (typ)
j Efficiency at 3.6V, 500mW into 8
Ω
85% (typ)
j Efficiency at 5V, 1W into 8
Ω
85% (typ)
j Quiescent Power Supply Current
at 3.6V supply
4mA
j Power Output at VDD = 5V,
R
L =4
Ω, THD ≤ 10%
2.5W (typ)
j Power Output at VDD = 5V,
R
L =8
Ω, THD ≤ 10%
1.5W (typ)
j Shutdown current
0.1µA (typ)
Features
n
Output Short Circuit Protection
n
Stereo Class D operation
n
No output filter required
n
Logic selectable gain
n
Independent shutdown control
n
Minimum external components
n
Click and Pop suppression
n
Micro-power shutdown
n
Available in space-saving 2mm x 2mm x 0.6mm micro
SMD package
Applications
n
Mobile phones
n
PDAs
n
Laptops
Boomer® is a registered trademark of National Semiconductor Corporation.
December 2005
© 2005 National Semiconductor Corporation
DS201674
www.national.com


Similar Part No. - LM4674

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI2-LM4674 Datasheet
1Mb / 27P
LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
REVISED APRIL 2013
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Texas Instruments
LM4674A TI-LM4674A Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI2-LM4674A Datasheet
391Kb / 19P
LM4674A Filterless 2.5W Stereo Class D Audio Power Amplifier
REVISED MAY 2013
More results

Similar Description - LM4674

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4674A NSC-LM4674A Datasheet
838Kb / 18P
Filterless 2.5W Stereo Class D Audio Power Amplifier
logo
Power Analog Micoelectr...
PAM8302L PAM-PAM8302L Datasheet
285Kb / 13P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
LM4674 TI1-LM4674_14 Datasheet
1Mb / 27P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI1-LM4674A_14 Datasheet
837Kb / 20P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674A TI-LM4674A_15 Datasheet
804Kb / 19P
Filterless 2.5W Stereo Class D Audio Power Amplifier
LM4674 TI1-LM4674 Datasheet
1Mb / 27P
LM4674 Filterless 2.5W Stereo Class D Audio Power Amplifier
LM48411 TI1-LM48411 Datasheet
875Kb / 22P
Ultra-Low EMI, Filterless, 2.5W, Stereo, Class D Audio Power Amplifier
logo
Diodes Incorporated
PAM8003 DIODES-PAM8003 Datasheet
542Kb / 12P
FILTERLESS 2.5W CLASS-D STEREO AUDIO AMPLIFIER
Rev 2
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com